Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 67 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 63Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 64Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 65Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 66Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 67Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 68Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 69Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 70Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
www.ti.com
C001
lower sideband
200 MHz
LO
lower sideband
200 MHz
LO
DAC5687-EP
SGLS333 – JUNE 2006
A(t) = I(t)cos(
ω
ct) – Q(t)sin(ωct) = m(t)
B(t) = I(t)sin(
ω
ct) + Q(t)cos(ωct) = mh(t)
where m(t) and mh(t) connote a Hilbert transform pair and ωc is the sum of the NCO and CMIX frequencies.
The complex DAC5687 output is input to an analog quadrature modulator (AQM) such as the TRF3701 or
TRF3702. A passive (resistor only) interface is recommended between the DAC5687 and TRF3701/2 (See the
Passive Interface to TRF3701/2 section). Upper single-sideband up-conversion is achieved at the output of the
analog quadrature modulator, whose output is expressed as:
RF(t) = I(t)cos(
ω
c + ωLO)t – Q(t)sin(ωc + ωLO)t
Flexibility is provided to the user by allowing for the selection of –B(t) out, which results in lower-sideband
up-conversion. This option is selected by usb in the CONFIG3 register.
Note that the process of complex mixing in FMIX and CMIX to translate the signal frequency from 0 Hz means
that the analog quadrature modulator IQ imbalance produces a side-band and LO feedthrough that falls outside
the signal.
This is shown in Figure 77, which is the RF analog quadrature modulator (AQM) output of an asymmetric three
carrier WCDMA signal with the properties in Table 17. The wanted signal is offset from the LO frequency by the
DAC5687 complex IF, in this case 122.88 MHz. The nearest spurious signals are ~ 100 MHz away from the
wanted signal (due to non-harmonic clock-related spurious signals generated by the fDAC/4 digital clock),
providing 200 MHz of spurious free bandwidth. The AQM phase and gain imbalance produce a lower sideband
product, which does not affect the quality of the wanted signal. Unlike the real IF architecture, the non-harmonic
clock-related spurious signals generated by the fDAC/2 digital clock fall ±245.76-MHz offset from the wanted
rather than falling inband.
As a consequence, in the complex IF system it may be possible that no AQM phase, gain and offset correction
is needed, instead relying on RF filtering to remove the LO feedthrough, sideband, and other spurious products.
Figure 77. Analog Quadrature Modulator Output for a Complex IF System
67
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com