Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 1 Page - Texas Instruments

  DAC5687MPZPEP Datasheet HTML 1Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 2Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 3Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 4Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 5Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 6Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 7Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 8Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
DAC5687-EP
SGLS333 – JUNE 2006
16-BIT 500-MSPS 2
×–8× INTERPOLATING DUAL-CHANNEL
DIGITAL-TO-ANALOG CONVERTER (DAC)
•
Cellular Base Transceiver Station Transmit
•
Controlled Baseline
Channel
– One Assembly
– CDMA: W-CDMA, CDMA2000, TD-SCDMA
– One Test Site
– TDMA: GSM, IS-136, EDGE/UWC-136
– One Fabrication Site
– OFDM: 802.16
•
Extended Temperature Performance of
•
Cable Modem Termination System
–55
°C to 125°C
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
The DAC5687 is a dual-channel 16-bit high-speed
•
Enhanced Product-Change Notification
digital-to-analog converter (DAC) with integrated 2
×,
•
Qualification Pedigree (1)
4
×, and 8× interpolation filters, a complex numerically
controlled oscillator (NCO), on-board clock multiplier,
•
500 MSPS
IQ compensation, and on-chip voltage reference.
•
Selectable 2
×–8× Interpolation
The DAC5687 is pin compatible to the DAC5686,
•
On-Chip PLL/VCO Clock Multiplier
requiring only changes in register settings for most
applications, and offers additional features and
•
Full IQ Compensation Including Offset, Gain,
superior linearity, noise, crosstalk, and phase-locked
and Phase
loop (PLL) noise performance.
•
Flexible Input Options
The DAC5687 has six signal processing blocks: two
– FIFO With Latch on External or Internal
interpolate by two digital filters, a fine-frequency
Clock
mixer with 32-bit NCO, a quadrature modulation
– Even/Odd Multiplexed Input
compensation block, another interpolate by two
– Single-Port Demultiplexed Input
digital filter, and a coarse-frequency mixer with Fs/2
or Fs/4. The different modes of operation enable or
•
Complex Mixer With 32-Bit Numerically
bypass the signal processing blocks.
Controlled Oscillator (NCO)
The coarse and fine mixers can be combined to span
•
Fixed-Frequency Mixer With Fs/4 and Fs/2
a wider range of frequencies with fine resolution. The
•
1.8-V or 3.3-V I/O Voltage
DAC5687 allows both complex or real output.
•
On-Chip 1.2-V Reference
Combining the frequency upconversion and complex
output produces a Hilbert Transform pair that is
•
Differential Scalable Output: 2 mA to 20 mA
output
from
the
two
DACs.
An
external
RF
•
Pin Compatible to DAC5686
quadrature modulator then performs the final single
•
High Performance
sideband upconversion.
– 81-dBc Adjacent Channel Leakage Ratio
The IQ compensation feature allows optimization of
(ACLR) WCDMA TM1 at 30.72 MHz
phase, gain, and offset to maximize sideband
– 72-dBc ACLR WCDMA TM1 at 153.6 MHz
rejection and minimize LO feedthrough for an analog
quadrature modulator.
•
Package: 100-Pin HTQFP
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5687MPZPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 72P
16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5687MPZPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com