Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 57 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 53Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 54Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 55Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 56Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 57Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 58Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 59Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 60Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
www.ti.com
C1 + t1 1 *
t
2
t
3
C2 +
t
1 * t2
t
3
R1 +
t
32
t
1 (t3 * t2)
(1)
t1 +
K
d
Kvco
w2
d
tan f
d )
sec f
d
t2 +
1
w
d
tan f
d )
sec f
d
t3 +
tan f
d )
sec f
d
w
d
(2)
DAC5687 Passive Interface-to-Analog Quadrature Modulators
DAC5687-EP
SGLS333 – JUNE 2006
where,
and
charge pump current: iqp = 1 mA
vco gain: K
VCO = 2πxGVCO rad/V
FVCO/FDATA: N = {2, 4, 8, 16, 32}
phase detector gain: K
d = iqp × (2 × N) – 1 A/rad
An Excel spreadsheet is provided by Texas Instruments for automatically calculating the values for C1, C2, and
R.
Completing the example given above with:
Parameter
Value
Units
GVCO
1.30E+02
MHz/V
ωd
0.50E+00
MHz
N
4
φd
80
Degrees
The component values are:
C1 (F)
C2 (F)
R (
Ω)
3.74E–08
2.88E–10
9.74E+01
As the PLL characteristics are not sensitive to these components, the closest 20% tolerance capacitor and 1%
tolerance resistor values can be used. If the calculation results in a negative value for C2 or an unrealistically
large value for C1, then the phase margin may need to be reduced slightly.
The DAC5687 has a maximum 20-mA full-scale output and a compliance range of AVDD
±0.5 V. The TRF3701
or TRF3702 analog quadrature modulators (AQM) require a common-mode of approximately 3.7 V and 1.5 V to
2-VPP differential swing. A resistive network as shown in Figure 66 can be used to translate the common mode
voltage between the DAC5687 and TRF3701 or TRF3702. The voltage at the DAC output pins for a full-scale
sine wave is centered at approximately AVDD with a 1-VPP single ended (2-VPP differential). The voltage at the
TRF3701/2 input pins is centered at 3.7 V and swings 0.76-VPP single ended (1.56-VPP differential), or 2.4 dB of
insertion loss.
57
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com