Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 8Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 9Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 10Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 11Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 12Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 13Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 14Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 15Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
www.ti.com
1
2F
CLK2
* 0.5 ns
DAC5687-EP
SGLS333 – JUNE 2006
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V,
IOVDD = 3.3 V, DVDD = 1.8 V, IOUT
FS = 19.2 mA (unless otherwise noted)
DIGITAL SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK INPUT (CLK1/CLK1C, CLK2/CLK2C)
Duty cycle
50%
Differential voltage
0.5
V
TIMING PARALLEL DATA INPUT: CLK1 LATCHING MODES
(PLL Mode – See Figure 46, Dual Clock Mode FIFO Disabled – See Figure 48, Dual Clock Mode With FIFO Enabled – See
Figure 49)
Setup time, DATA valid to rising edge
ts(DATA)
0.5
ns
of CLK1
Hold time, DATA valid after rising
th(DATA)
1.5
ns
edge of CLK1
Maximum offset between CLK1 and
t_align
CLK2 rising edges – Dual Clock
ns
Mode with FIFO disabled
Timing Parallel Data Input (External Clock Mode, Latch on PLLLock Rising Edge, CLK2 Clock Input, See Figure 44 )
Setup time, DATA valid to rising edge
ts(DATA)
72-
Ω load on PLLLOCK
0.5
ns
of PLLLOCK
Hold time, DATA valid after rising
th(DATA)
72-
Ω load on PLLLOCK
1.5
ns
edge of PLLLOCK
72-
Ω load on PLLLOCK. Note that
Delay from CLK2 rising edge to
tdelay(Plllock)
PLLLOCK delay increases with a lower
4.5
ns
PLLLOCK rising edge
impedance load.
Timing Parallel Data Input (External Clock Mode, Latch on PLLLock Falling Edge, CLK2 Clock Input, See Figure 45)
Setup time, DATA valid to falling
ts(DATA)
High impedance load on PLLLOCK
0.5
ns
edge of PLLLOCK
Hold time, DATA valid after falling
th(DATA)
High impedance load on PLLLOCK
1.5
ns
edge of PLLLOCK
High impedance load on PLLLOCK. Note
Delay from CLK2 rising edge to
tdelay(Plllock)
that PLLLOCK delay increases with a
4.5
ns
PLLLOCK rising edge
lower impedance load.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com