Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 4Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 5Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 6Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 7Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 8Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 9Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 10Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 11Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
www.ti.com
DAC5687-EP
SGLS333 – JUNE 2006
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V,
IOVDD = 3.3 V, DVDD = 1.8 V, IOUT
FS = 19.2 mA (unless otherwise noted)
DC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mode 5(5)
41
mA
IAVDD
Analog supply current
Mode 6(5)
80
mA
IDVDD
Digital supply current(5)
Mode 6(5)
587
mA
ICLKVDD
Clock supply current(5)
Mode 6(5)
5
mA
IPLLVDD
PLL supply current(5)
Mode 6(5)
20
mA
IIOVDD
IO supply current(5)
Mode 6(5)
2
mA
Sleep mode (Sleep pin high),
IAVDD
Sleep mode AVDD supply current
1
mA
CLK2 = 500 MHz
Sleep mode (Sleep pin high),
IDVDD
Sleep mode DVDD supply current
2
mA
CLK2 = 500 MHz
Sleep mode (Sleep pin high),
ICLKVDD
Sleep mode CLKVDD supply current
0.25
mA
CLK2 = 500 MHz
Sleep mode (Sleep pin high),
IPLLVDD
Sleep mode PLLVDD supply current
0.6
mA
CLK2 = 500 MHz
Sleep mode (Sleep pin high),
IIOVDD
Sleep mode IOVDD supply current
0.6
mA
CLK2 = 500 MHz
Mode 1(6) AVDD = 3.3 V, DVDD = 1.8 V
750
Mode 2(6) AVDD = 3.3 V, DVDD = 1.8 V
910
Mode 3(6) AVDD = 3.3 V, DVDD = 1.8 V
760
Mode 4(6) AVDD = 3.3 V, DVDD = 1.8 V
1250
PD
Power dissipation
mW
Mode 5(6) AVDD = 3.3 V, DVDD = 1.8 V
1250
Mode 6(6) AVDD = 3.3 V, DVDD = 1.8 V
1410
Mode 7(6) AVDD = 3.3 V, DVDD = 1.8 V
1400
1750
Sleep mode (Sleep pin high),
11
20
CLK2 = 500 MHz
APSRR
–0.2
0.2
%FSR/V
Power supply rejection ratio
DPSRR
–0.2
0.2
%FSR/V
(5)
MODE 1 – MODE 7:
a. Mode 1: X2, PLL off, CLK2 = 320 MHz, DACA and DACB on, IF = 5 MHz
b. Mode 2: X4 QMC, PLL on, CLK1 = 125 MHz, DACA and DACB on, IF = 5 MHz
c. Mode 3: X4 CMIX, PLL off, CLK2 = 500 MHz, DACA off and DACB on, IF = 150 MHz
d. Mode 4: X4L FMIX CMIX, PLL off, CLK2 = 500 MHz, DACA off and DACB on, IF = 150 MHz
e. Mode 5: X4L FMIX CMIX, PLL on, CLK1 = 125 MHz, DACA off and DACB on, IF = 150 MHz
f. Mode 6: X4L FMIX CMIX, PLL on, CLK1 = 125 MHz, DACA on and DACB on, IF = 150 MHz
g. Mode 7: X8 FMIX CMIX, PLL on, CLK1 = 62.5 MHz, DACA and DACB on, IF = 150 MHz
(6)
MODE 1 – MODE 7:
a. Mode 1: X2, PLL off, CLK2 = 320 MHz, DACA and DACB on, IF = 5 MHz
b. Mode 2: X4 QMC, PLL on, CLK1 = 125 MHz, DACA and DACB on, IF = 5 MHz
c. Mode 3: X4 CMIX, PLL off, CLK2 = 500 MHz, DACA off and DACB on, IF = 150 MHz
d. Mode 4: X4L FMIX CMIX, PLL off, CLK2 = 500 MHz, DACA off and DACB on, IF = 150 MHz
e. Mode 5: X4L FMIX CMIX, PLL on, CLK1 = 125 MHz, DACA off and DACB on, IF = 150 MHz
f. Mode 6: X4L FMIX CMIX, PLL on, CLK1 = 125 MHz, DACA on and DACB on, IF = 150 MHz
g. Mode 7: X8 FMIX CMIX, PLL on, CLK1 = 62.5 MHz, DACA and DACB on, IF = 150 MHz
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com