Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 64 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 60Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 61Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 62Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 63Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 64Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 65Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 66Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 67Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
www.ti.com
Schematic and Layout Recommendations
Application Examples
Application Example: Real IF Radio
DAC5687-EP
SGLS333 – JUNE 2006
First, the location of the spurious signals is found for the X2 real output in Figure 68(b). One spurious signals is
present in the range 0 to 0.5
× f
DAC at 0.325 × fDAC (see Table 16). Consulting Figure 72(a), the raw amplitude
for fDAC/2 is 47 dBc. From Figure 73, the amplitude adjustment factor for fSIG = 0.175 × fDAC is estimated at ~ 6
dB, and so the fDAC/2 and fDAC/4 is adjusted to 53 dBc.
Table 16. Example # 2 for Calculating Spurious Signals
Spurious
Frequency/fDAC
Frequency
Raw Amplitude (dBc)
Adjusted Amplitude (dBc)
Signal
(MHz)
fDAC/2
0.325
130
47
53
The DAC5687 clock is sensitive to fast transitions of input data on pins DA0, DA1, and DA2 (55, 54, and 53) due
to coupling to DVDD pin 56. The noise-like spectral energy of the DA[0–2] couples into the DAC clock, resulting
in increased jitter. This significantly improves by using a 10-
Ω resistor between DVDD and pin 56 in addition to
10-pF capacitor to DGND, as implemented on the DAC5687EVM (see the DAC5687 EVM user's guide, TI
literature number SLWU017). Pin 56 draws only approximately 2 mA of current and the 0.02-V voltage drop
across the resistor is acceptable for DVDD voltages within the MINIMUM and MAXIMUM specifications. It is also
recommended that the transition rate of the input lines be slowed by inserting series resistors near the data
source. The optimized value of the series resistor depends on the capacitance of the trace between the series
resistor and DAC5687 input pin. For a 2 inch to 3 inch trace, a 22-
Ω to 47-Ω resistor would be recommended.
The effect of DAC clock jitter on the DAC output signal is worse for signals at higher signal frequencies. For low
IF (< 75 MHz) or baseband signals, there is little degradation of the output signal. However, for high IF (> 75
MHz) the DAC clock jitter may result in an elevated noise floor, which often appears as broad humps in the DAC
output spectrum. It is recommended for signals above 75 MHz that the inputs to DA0 and DA1, which are the
two LSBs if input DA[0–15] is not reversed, not be connected to input data to prevent coupling to the DAC rate
clock. The decrease in resolution to 14-bits and increase in quantization noise will not significantly affect the
DAC5687 SNR for signals > 75 MHz.
An system example of the DAC5687 used for a flexible real IF radio is shown in Figure 74. A complex baseband
input to the DAC would be generated by a digital upconverter such as Texas Instruments GC4116, GC5016, or
GC5316. The DAC5687 would be used to increase the data rate through interpolation and flexibly place the
output signal using the FMIX and/or CMIX blocks. Although the DAC5687 X4 mode is shown, any of the modes
(x2, x4L, or x8) would be appropriate.
64
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com