Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 31Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 32Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 33Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 34Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 35Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 36Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 37Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 38Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
www.ti.com
R/W
D7
SDENB
SCLK
SDIO
N1 N0
A3 A2 A1 A0
D6 D5 D4 D3 D2
D0 0
Instruction Cycle
Data Transfer Cycle(s)
SDO
D7 D6 D5 D4 D3 D2 D1 D0 0
3-Pin Configuration
Output
4-Pin Configuration
Output
SDENB
SCLK
SDIO
Data n
Data n−1
SDO
td(DATA)
D1
A4
FIR Filters
DAC5687-EP
SGLS333 – JUNE 2006
Figure 35. Serial Interface Read Timing Diagram
Figure 36 shows the magnitude spectrum response for the identical 51-tap FIR1 and FIR3 filters. The transition
band is from 0.4 to 0.6
× F
IN (the input data rate for the FIR filter) with < 0.002-dB pass-band ripple and > 80-dB
stop-band attenuation. Figure 37 shows the region from 0.35 to 0.45
× F
IN– Up to 0.44 × FIN there is less than
0.5-dB attenuation.
Figure 38 shows the magnitude spectrum response for the 19-tap FIR2 filter. The transition band is from 0.25 to
0.75x FIN (the input data rate for the FIR filter) with < 0.002-dB pass-band ripple and > 80-dB stop-band
attenuation.
The DAC5687 also has an inverse Sinc filter (FIR4) that runs at the DAC update rate (fDAC) that can be used to
flatten the frequency response of the sample and hold output. The DAC sample and hold output set the output
current and holds it constant for one DAC clock cycle until the next sample, resulting in the well known Sin(x)/x
or Sinc(x) frequency response shown in Figure 39 (black solid line). The inverse sinc filter response (Figure 39,
blue dotted line) has the opposite frequency response between 0 to 0.4
× f
DAC, resulting in the combined
response (Figure 39, red dashed line). Between 0 to 0.4
× f
DAC, the inverse sin filter compensates the sample
and hold rolloff with less than < 0.03-dB error.
The inverse sine filter has a gain > 1 at all frequencies. Therefore, the signal input to FIR4 must be reduced from
full scale to prevent saturation in the filter. The amount of backoff required depends on the signal frequency and
is set such that at the signal frequencies the combination of the input signal and filter response is less than 1 (0
dB). For example, if the signal input to FIR4 is at 0.25 × fDAC, the response of FIR4 is 0.9 dB, and the signal will
need to be backed off from full scale by 0.9 dB. The gain function in the QMC block can be used to set reduce
amplitude of the input signal. The advantage of FIR4 having a positive gain at all frequencies is that the user is
then able to optimized backoff of the signal based on the signal frequency.
The filter taps for all digital filters are listed in Table 8.
Note that the loss of signal amplitude may result in lower SNR due to decrease in signal amplitude.
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com