Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 33Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 34Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 35Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 36Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 37Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 38Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 39Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 40Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
www.ti.com
Dual Channel Real Upconversion
Limitations on Signal BW and Final Output Frequency in X4L and X8 Modes
DAC5687-EP
SGLS333 – JUNE 2006
Table 8. Digital Filter Taps (continued)
FIR1 and FIR3
FIR2
FIR4 (Invsinc)
Tap
Coeff
Tap
Coeff
Tap
Coeff
12, 40
0
13, 39
619
14, 38
0
15, 37
–971
16, 36
0
17, 35
1490
18, 34
0
19, 33
–2288
20, 32
0
21, 31
3649
22, 30
0
23, 29
–6628
24, 28
0
25, 27
20750
26
32768
The DAC5687 can be used in a dual channel mode with real upconversion by mixing with a 1, –1,
… sequence
in the signal chain to invert the spectrum. This mixing mode maintains isolation of the A and B channels. There
are two points of mixing: in X4L mode, the FIR1 output is inverted (high-pass mode) by setting registers hpla
and hplb to 1 and the FIR3 output is inverted by setting CMIX to fDAC/2. In X8 mode, the output of FIR1 is
inverted by setting hpla and hplb to 1 and the FIR3 output is inverted by setting CMIX to fDAC/2. In X2 and X4
modes, the output of FIR3 is inverted by setting CMIX to fDAC/2.
The wide bandwidth of FIR3 (40% passband) in X4L mode provides options for setting four different frequency
ranges, listed in Table 9. For example, with fDATA = 125 MSPS (fDAC = 500 MSPS), setting FIR1/FIR3 to High
Pass/High Pass respectively will upconvert a signal between 25 and 50 MHz to 150 to 175 MHz. With the High
Pass/Low Pass and Low Pass/High Pass setting the upconvertered signal will be spectrally inverted.
Table 9. X4L Mode High-Pass/Low-Pass Options
FIR1
FIR3
Input Frequency
Output Frequency
Bandwidth
Inverted?
Low Pass
Low Pass
0 – 0.4
× f
DATA
0 – 0.4
× f
DATA
0.4
× f
DATA
No
High Pass
Low Pass
0.2 to 0.4
× f
DATA
0.6 – 0.8
× f
DATA
0.2
× f
DATA
Yes
High Pass
High Pass
0.2 to 0.4
× f
DATA
1.2 – 1.4
× f
DATA
0.2
× f
DATA
No
Low Pass
High Pass
0 – 0.4
× f
DATA
1.6 – 2
× f
DATA
0.4
× f
DATA
Yes
For very wide bandwidth signals, the FIR3 pass-band (0 – 0.4
× F
DAC/2) can limit the range of the final output
frequency. For example in X4L FMIX CMIX mode (4x interpolation with FMIX after FIR1), at the maximum input
data rate FIN = 125 MSPS the input signal can be ±50 MHz before running into the transition band of FIR1. After
2
× interpolation, FIR3 limits the signal to ±100 MHz (0.4 × 250 MHz). Therefore, at the maximum signal
bandwidth, FMIX can mix up to 50 MHz and still fall within the passband of FIR3. This results in gaps in the final
output frequency between FMIX alone (0 MHz to 50 MHz) and FMIX + CMIX with fDAC/4 (75 MHz to 175 MHz)
and FMIX + fDAC/2 (200 MHz to 250 MHz).
In practice, it may be possible to extend the signal into the FIR3 transition band. Referring to Figure 37 in the
Digital Filter section above, if 0.5 dB of attenuation at the edge of the signal can be tolerated, then the signal can
be extended up to 0.44
× F
IN. This would extend the range of FMIX in the example to 60 MHz.
37
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com