Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 11Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 12Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 13Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 14Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 15Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 16Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 17Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 18Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
www.ti.com
Amplitude − dBFS
40
45
50
55
60
65
70
75
80
85
90
−35
−30
−25
−20
−15
−10
−5
0
G009
fdata = 125 MSPS
fin = −30 MHz +0.5 MHz Complex
IF = 95 MHz
y4L Interpolation
CMIX
PLL Off
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
15
20
25
30
fdata = 125 MSPS
fin = 20 MHz
+0.5 MHz Real
IF = 20 MHz
y4 Interpolation
PLL Off
G010
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
85
90
95
100
105
fdata = 125 MSPS
fin = −30 MHz
+0.5 MHz Complex
IF = 95 MHz
y4L Interpolation
CMIX
PLL Off
G011
IF − Intermediate Frequency − MHz
50
55
60
65
70
75
80
85
90
0
50
100
150
200
250
fdata = 122.88 MSPS
Baseband Input
DVDD = 1.8 V
G012
PLL On
PLL Off
DAC5687-EP
SGLS333 – JUNE 2006
Typical Characteristics (continued)
Figure 10. Two Tone IMD vs Amplitude
Figure 11. Two Tone IMD Spectral Plot
Figure 12. Two Tone IMD Spectral Plot
Figure 13. WCDMA ACLR vs Intermediate Frequency
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com