Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 10Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 11Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 12Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 13Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 14Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 15Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 16Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 17Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
www.ti.com
f − Frequency − MHz
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
50
100
150
200
250
fdata = 125 MSPS
fin = 30 MHz Real
IF = 155 MHz
y4L Interpolation
HP/HP
PLL Off
G005
IF − Intermediate Frequency − MHz
60
65
70
75
80
85
90
95
100
5
10
15
20
25
30
35
fdata = 125 MSPS
y4 Interpolation
PLL Off
G006
0 dBFS
−6 dBFS
−12 dBFS
IF − Intermediate Frequency − MHz
40
45
50
55
60
65
70
75
80
85
90
0
50
100
150
200
250
fdata = 125 MSPS
y4 Interpolation
PLL Off
G007
0 dBFS
IF − Intermediate Frequency − MHz
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
fdata = 125 MSPS
y4L Interpolation
PLL Off
fout = IF +0.5 MHz
G008
0 dBFS
DAC5687-EP
SGLS333 – JUNE 2006
Typical Characteristics (continued)
Figure 6. Single Tone Spectral Plot
Figure 7. In-Band SFDR vs Intermediate Frequency
Figure 8. Out-of-Band SFDR vs Intermediate Frequency
Figure 9. Two Tone IMD vs Intermediate Frequency
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com