Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 25Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 26Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 27Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 28Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 29Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 30Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 31Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 32Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
www.ti.com
Register Name: SER_DATA_0— Address: 0x06, Default = 0x00
Register Name: SER_DATA_1— Address: 0x07, Default = 0x00
Register Name: BYPASS_MASK_CNTL— Address: 0x08, Default = 0x00
Register Name: NCO_FREQ_0— Address: 0x09, Default = 0x00
Register Name: NCO_FREQ_1— Address: 0x0A, Default = 0x00
Register Name: NCO_FREQ_2— Address: 0x0C, Default = 0x40
DAC5687-EP
SGLS333 – JUNE 2006
Table 4. Synchronization Source
sync_fifo (2:0)
Synchronization Source
000
txenable pin
001
phstr pin
010
qflag pin
011
db(15)
100
da(15) first transition (one shot)
101
Software sync using SIF write
110
Sync source disabled (always off)
111
Always on
BIT 7
BIT 0
dac_data(7:0)
0
0
0
0
0
0
0
0
dac_data(7:0): Lower 8 bits of DAC data input to the DACs when dac_ser_data is set.
BIT 7
BIT 0
dac_data(15:8)
0
0
0
0
0
0
0
0
dac_data(15:8): Upper 8 bits of DAC data input to the DACs when dac_ser_data is set.
BIT 7
BIT 0
fast__latch
bp_ invsinc
bp_fir3
bp_qmc
bp_fmix
bp_fir2
bp_fir1
nco_only
0
0
0
0
0
0
0
0
These modes are for factory use only – leave as default.
BIT 7
BIT 0
freq(7:0)
0
0
0
0
0
0
0
0
freq(7:0):
Bits 7:0 of the NCO frequency word.
BIT 7
BIT 0
freq(15:8)
0
0
0
0
0
0
0
0
freq(15:8):
Bits 15:8 of the NCO frequency word.
BIT 7
BIT 0
freq(23:16)
0
0
0
0
0
0
0
0
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com