Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 5Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 6Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 7Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 8Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 9Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 10Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 11Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 12Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
DAC5687-EP
SGLS333 – JUNE 2006
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V (= 3.3 V for PLL
Clock Mode), IOVDD = 3.3 V, DVDD = 1.8 V, IOUT
FS = 19.2 mA, External Clock Mode, 4:1 transformer output termination,
50-
Ω doubly terminated load (unless otherwise noted)
AC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
ANALOG OUTPUT
fCLK
Maximum output update rate
500
MSPS
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0xFFFF
10.4
ns
tpd
Output propagation delay
3
ns
tr(IOUT)
Output rise time 10% to 90%
2
ns
tf(IOUT)
Output fall time 90% to 10%
2
ns
AC PERFORMANCE
X2, PLL off, CLK2 = 250 MHz, DAC A and DAC B on,
78
IF = 5.1 MHz, First Nyquist Zone < fDATA/2
X4, PLL off, CLK2 = 500 MHz, DAC A and DAC B on,
77
SFDR
Spurious free dynamic range(2)
IF = 5.1 MHz, First Nyquist Zone < fDATA/2
dBc
X4, CLK2 = 500 MHz, DAC A and DAC B on,
IF = 20.1 MHz, PLL on for Min, PLL off for TYP,
68(3)
76
First Nyquist Zone < fDATA/2
X4, PLL off, CLK2 = 500 MSPS, DAC A and DAC B on,
73
Single tone, 0 dBFS, IF = 20.1 MHz
X4 CMIX, PLL off, CLK2 = 500 MSPS,
65
DAC A and DAC B on, IF = 70.1 MHz
X4 CMIX, PLL off, CLK2 = 500 MSPS,
DAC A and DAC B on, Single tone, 0 dBFS,
57
SNR
Signal-to-noise ratio
IF = 150.1 MHz
dBc
X4 FMIX CMIX, PLL off, CLK2 = 500 MSPS,
DAC A and DAC B on, Single tone, 0 dBFS,
54
IF = 180.1 MHz
X4, PLL off, CLK2 = 500 MSPS, DAC A and DAC B on,
Four tone, each –12 dBFS,
73
IF = 24.7, 24.9, 25.1, 25.3 MHz
X4, PLL off, CLK2 = 500 MSPS, DAC A and DAC B on,
79
IF = 20.1 and 21.1 MHz
X4 CMIX, PLL off, CLK2 = 500 MSPS,
73
Third-order two-tone
DAC A and DAC B on, IF = 70.1 and 71.1 MHz
IMD3
intermodulation (each tone at
dBc
X4 CMIX, PLL off, CLK2 = 500 MSPS,
–6 dBFS)
68
DAC A and DAC B on, IF = 150.1 and 151.1 MHz
X4 FMIX CMIX, PLL off, CLK2 = 500 MSPS,
67
DAC A and DAC B on, IF = 180.1 and 181.1 MHz
Four-tone intermodulation to
X4 CMIX, CLK2 = 500 MHz
IMD
66
dBc
Nyquist (each tone at –12 dBFS)
fOUT = 149.2, 149.6, 150.4, and 150.8 MHz
(1)
Measured single ended into 50-
Ω load.
(2)
See the Non-Harmonic Clock Related Spurious Signals section for information on spurious products out of band (< fDATA/2).
(3)
1:1 transformer output termination.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com