Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 29Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 30Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 31Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 32Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 33Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 34Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 35Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 36Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
www.ti.com
Register Name: DAC_TEST— Address: 0x1C, Default = 0x00
Address: 0x1D, 0x1E, and 0x1F – Reserved
Serial Interface
DAC5687-EP
SGLS333 – JUNE 2006
Table 5.
atest(4:0)
PLLLOCK Output Signal
PLL Enabled (PLLVDD = 3.3 V)
PLL Disabled (PLLVDD = 0 V)
11101
fDAC
Normal operation
11110
fDAC divided by 2
Normal operation
11111
fDAC divided by 4
Normal operation
All others
Normal operation
phstr_del:
Adjusts the initial phase of the fs/2 and fs/4 blocks cmix block after PHSTR.
BIT 7
BIT 0
Factory Use Only
phstr_clkdiv_se
l
0
0
0
0
0
0
0
0
phstr_clkdiv_sel: Selects the clock used to latch the PHSTR input when restarting the internal dividers. When
set, the full DAC sample rate CLK2 signal latches PHSTR and when cleared, the divided down
input clock signal latches PHSTR.
Writes have no effect and reads will be 0x00.
The serial port of the DAC5687 is a flexible serial interface which communicates with industry standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define
the operating modes of the DAC5687. It is compatible with most synchronous transfer formats and can be
configured as a 3- or 4-pin interface by sif4 in register config_msb. In both configurations, SCLK is the serial
interface input clock and SDENB is serial interface enable. For 3-pin configuration, SDIO is a bidirectional pin for
both data in and data out. For 4-pin configuration, SDIO is data in only and SDO is data out only.
Each read/write operation is framed by signal SDENB (serial data enable bar) asserted low for 2 to 5 bytes,
depending on the data length to be transferred (1 – 4 bytes). The first frame byte is the instruction cycle which
identifies the following data transfer cycle as read or write, how many bytes to transfer, and what address to
transfer the data. Table 6 indicates the function of each bit in the instruction cycle and is followed by a detailed
description of each bit. Frame bytes 2 to 5 comprise the data transfer cycle.
Table 6. Instruction Byte of the Serial Interface
MSB
LSB
Bit
7
6
5
4
3
2
1
0
Description
R/W
N1
N0
A4
A3
A2
A1
A0
R/W
Identifies the following data transfer cycle as a read or write operation. A high indicates a read
operation from the DAC5687 and a low indicates a write operation to the DAC5687.
[N1 : N0]
Identifies the number of data bytes to be transferred per Table 7. Data is transferred MSB first.
Table 7. Number of Transferred Bytes Within One
Communication Frame
N1
N0
Description
0
0
Transfer 1 Byte
0
1
Transfer 2 Bytes
1
0
Transfer 3 Bytes
1
1
Transfer 4 Bytes
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com