Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 37Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 38Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 39Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 40Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 41Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 42Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 43Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 44Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
www.ti.com
ΣΣ
ΣΣ
13
13
qmb_offset
{−4096, −4095,
… , 4095 }
qma_offset
{−4096, −4095,
… , 4095 }
I
Q
Analog DAC Gain
I
fullscale +
16 V
extio
R
BIAS
GAINCODE ) 1
16
B 1 *
FINEGAIN
3072
Clock Modes
DAC5687-EP
SGLS333 – JUNE 2006
Figure 43. DAC Offset Block
The full-scale DAC output current can be set by programming the daca_gain and dacb_gain registers. The
DAC gain value controls the full-scale output current.
where GAINCODE = daca_gain[11:8] or dacb_gain[11:8] is the coarse gain setting ( 0 to 15) and FINEGAIN =
daca_gain[7:0] or dacb_gain[7:0] (–128 to 127) is the fine gain setting.
In the DAC5687, the internal clocks (1x, 2x, 4x, and 8x as needed) for the logic, FIR interpolation filters, and
DAC are derived from a clock at either the input data rate using an internal PLL (PLL clock mode) or DAC output
sample rate (external clock mode). Power for the internal PLL blocks (PLLVDD and PLLGND) are separate from
the other clock generation blocks power (CLKVDD and CLKGND), thus minimizing phase noise within the PLL.
The DAC5687 has three clock modes for generating the internal clocks (1x, 2x, 4x, and 8x as needed) for the
logic, FIR interpolation filters, and DACs. The clock mode is set using the PLLVDD pin and dual_clk in register
CONFIG1.
1. PLLVDD = 0 V and dual_clk = 0: EXTERNAL CLOCK MODE
In EXTERNAL CLOCK MODE, the user provides a clock signal at the DAC output sample rate through
CLK2/CLK2C. CLK1/CLK1C and the internal PLL are not used. LPF and CLK1/CLK1C pins can be left
unconnected. The input data rate clock and interpolation rate are selected by the bits interp(1:0) in register
CONFIG0 and is output through the PLLLOCK pin. The PLLLOCK clock can be used to drive the input data
source (such as digital upconverter) that sends the data to the DAC. Note that the PLLLOCK delay relative to
the input CLK2 rising edge (td(PLLLOCK)) in Figure 44 and Figure 45) increases with increasing loads. The input
data is latched on either the rising (inv_plllock = 0) or falling edge (inv_plllock = 1) of PLLLOCK, which is
sensed internally at the output pin.
41
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com