Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 6Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 7Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 8Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 9Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 10Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 11Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 12Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 13Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
www.ti.com
DAC5687-EP
SGLS333 – JUNE 2006
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V (= 3.3 V for PLL
Clock Mode), IOVDD = 3.3 V, DVDD = 1.8 V, IOUT
FS = 19.2 mA, External Clock Mode, 4:1 transformer output termination,
50-
Ω doubly terminated load (unless otherwise noted)
AC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Single carrier, baseband, X4, PLL Clock Mode,
78.4
CLK1 = 122.88 MHz
Single carrier, baseband, X4, PLL Clock Mode,
78.5
CLK2 = 491.52 MHz
Single carrier, IF = 153.6 MHz, X4 CMIX,
70.9
External Clock Mode, CLK2 = 491.52 MHz
Two carrier, IF = 153.6 MHz, X4 CMIX,
67.8
External Clock Mode, CLK2 = 491.52 MHz
Four carrier, baseband, X4, External Clock Mode,
76.1
CLK2 = 491.52 MHz
ACLR(4)
Adjacent channel leakage ratio
dBc
Four carrier, IF = 92.16 MHz, X4L, External Clock Mode,
66.8
CLK2 = 491.52 MHz
Single carrier, IF = 153.6 MHz, X4 CMIX,
72.2
External Clock Mode, CLK2 = 491.52 MHz, DVDD = 2.1 V
Two carrier, IF = 153.6 MHz, X4 CMIX,
69.3
External Clock Mode, CLK2 = 491.52 MHz, DVDD = 2.1 V
Four carrier, baseband, X4, External Clock Mode,
68.5
CLK2 = 491.52 MHz, DVDD = 2.1 V
Four carrier, IF = 92.16 MHz, X4L, External Clock Mode,
66.3
CLK2 = 491.52 MHz, DVDD = 2.1 V
50-MHz offset, 1-MHz BW, Single carrier, baseband,
92
X4, External Clock Mode, CLK1 = 122.88 MHz
50-MHz offset, 1-MHz BW, Four carrier, baseband,
81
X4, External Clock Mode, CLK1 = 122.88 MHz
Noise Floor
dBc
50-MHz offset, 1-MHz BW, Single carrier, baseband,
88
X4, PLL Clock Mode, CLK2 = 491.52 MHz
50-MHz offset, 1-MHz BW, Four carrier, baseband,
81
X4, PLL Clock Mode, CLK2 = 491.52 MHz
(4)
W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF. TESTMODEL 1, 10 ms
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com