Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 53 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 49Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 50Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 51Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 52Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 53Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 54Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 55Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 56Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
www.ti.com
IOUT1
4:1
IOUT2
100
Ω
100
Ω
RLOAD
50
Ω
AVDD (3.3 V)
AVDD (3.3 V)
S0033-02
Combined Output Termination
S0069-01
IOUTA1
1:1
RLOAD
50
Ω
IOUTA2
AVDD (3.3 V)
IOUTB1
IOUTB2
DAC5687-EP
SGLS333 – JUNE 2006
Figure 59. Driving a Doubly Terminated 50-
Ω Cable Using a 4:1 Impedance Ratio Transformer
The DAC5687 DAC A and DAC B outputs can be summed together as shown in Figure 60 to provide a 40-mA
full-scale output for increased output power.
Figure 60. Combined Output Termination Using a 1:1 Impedance Ratio Transformer into 50-
Ω Load
For the case where the digital codes for the two DACs are identical, the termination results in a full scale swing
of 2 VPP into the 50-Ω load, or 10 dBm. This is 6 dB higher than the 4:1 output termination recommended for a
single DAC output.
There are two methods to produce identical DAC codes. In modes where there is mixing between digital
channels A and B, i.e., when channels A and B are isolated, the identical data can be sent to both input ports to
produce identical DAC codes. Channels A and B are isolated when FMIX is disabled, the QMC is disabled or
enabled with QMC phase register set to 0, and CMIX is disabled or set to fDAC/2. Note that frequency
upconversion is still possible using the high-pass filter setting and CMIX fDAC/2.
Alternatively, by applying the input data on one input port only and setting the other input port to mid-scale
(zero), the NCO can be used to duplicate the output of the active input channel in the other channel by setting
the frequency to zero, phase to 8192 and NCO_GAIN = 1 and QMC gain = 1446. Assuming I(t) is the wanted
signal and Q(t) = 0, this is demonstrated by the simplification of the NCO equations in the Fine Mixer (FMIX)
section:
IOUT(t) = (IIN(t)cos(2π× 0 × t + π/4) – 0 × sin((2π× 0 × t + π/4)) × 2
(1 – 1) = I
IN(t)cos(π/4) = IIN(t)/2
½
53
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com