Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 38Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 39Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 40Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 41Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 42Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 43Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 44Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 45Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
www.ti.com
PLLLOCK
CLK2
DA[15:0]
DB[15:0]
td(PLLLOCK)
th(DATA)
ts(DATA)
A0
A1
A2
A3
AN
AN+1
B0
B1
B2
B3
BN
BN+1
PLLLOCK
CLK2
DA[15:0]
DB[15:0]
td(PLLLOCK)
th(DATA)
ts(DATA)
A0
A1
A2
A3
AN
AN+1
B0
B1
B2
B3
BN
BN+1
DAC5687-EP
SGLS333 – JUNE 2006
Figure 44. Dual Bus Mode Timing Diagram for External Clock Mode (PLLLOCK Rising Edge)
Figure 45. Dual Bus Mode Timing Diagram for External Clock Mode (PLLLOCK Falling Edge)
2. PLLVDD = 3.3 V (dual_clk can be 0 or 1 and is ignored): PLL CLOCK MODE
In PLL CLOCK MODE, you drive the DAC at the input sample rate (unless the data is mux’d) through
CLK1/CLK1C. CLK2/CLK2C is not used. In this case, there is no phase ambiguity on the clock. The DAC
generates the higher speed DAC sample rate clock using an internal PLL/VCO. In PLL clock mode, the user
provides a differential external reference clock on CLK1/CLK1C.
A type four phase-frequency detector (PFD) in the internal PLL compares this reference clock to a feedback
clock and drives the PLL to maintain synchronization between the two clocks. The feedback clock is generated
by dividing the VCO output by 1x, 2x, 4x, or 8x as selected by the prescaler (div[1:0]). The output of the
prescaler is the DAC sample rate clock and is divided down to generate clocks at ÷ 2, ÷4, and ÷ 8. The feedback
clock is selected by the registers sel(1:0), which is fed back to the PFD for synchronization to the input clock.
The feedback clock is also used for the data input rate, so the ratio of DAC output clock to feedback clock sets
the interpolation rate of the DAC5687. The PLLLOCK pin is an output indicating when the PLL has achieved
lock. An external RC low-pass PLL filter is provided by the user at pin LPF. See the Low-Pass Filter section for
filter setting calculations. This is the only mode where the LPF filter applies.
42
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com