Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 69 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 65Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 66Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 67Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 68Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 69Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 70Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 71Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 72Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
www.ti.com
Application Example: CMTS/VOD Transmitter
B0044-01
y2
DAC
Ch2
Ch1
GC5016
DUC
DAC5687
CDC7005
y2
DUC
DUC
DUC
DAC
QAM1
QAM2
QAM3
QAM4
DAC5687-EP
SGLS333 – JUNE 2006
The DAC5687's exceptional SNR enables a dual-cable modem termination system (CMTS) or video on demand
(VOD) QAM transmitter in excess of the stringent DOCSIS specification, with > 74 dBc and 75 dBc in the
adjacent and alternate channels.
A typical system using the DAC5687 for a cost optimized dual channel two QAM transmitter is shown in
Figure 79. A GC5016 would take four separate symbol rate inputs and provide pulse shaping and interpolation
to ~ 128 MSPS. The four QAM carriers would be combined into two groups of two QAM carriers with
intermediate frequencies of approximately 30 MHz to 40 MHz. The GC5016 would output two real data streams
to one DAC5687. The DAC5687 would function as a dual-channel device and provide 2x interpolation to
increase the frequency of the 2nd Nyquist zone image. The two signals are then output through the two DAC
outputs, through a transformer and to an RF upconverter.
Figure 79. Dual Channel Two QAM CMTS Transmitter System Using DAC5687
The DAC5687 output for a two QAM256 carrier signal at 33-MHz and 39-MHz IF with the signal and system
properties listed in Table 18 is shown in Figure 71. The low DAC5687 noise floor provides better than 75 dBc
(equal bandwidth normalized to one QAM256 power) at > 6-MHz offset.
Table 18. Signal and System Properties for Complex IF System Example in Figure 80
Signal
QAM256, 5.36 MSPS,
α = 0.12
IF Frequencies
33 MHz and 39 MHz
DAC5687 Input Rate
5.36 MSPS
× 24 = 128.64 MSPS
DAC5687 Output Rate
257.28 MSPS (2x Interpolation)
DAC5687 Mode
X2
69
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com