Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 23Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 24Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 25Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 26Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 27Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 28Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 29Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 30Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
www.ti.com
Register Name: CONFIG1 — Address: 0x02, Default = 0x00
Register Name: CONFIG2 — Address: 0x03, Default = 0x80
DAC5687-EP
SGLS333 – JUNE 2006
Table 2. inv_plllock Bit Modes (continued)
PLLVDD
dual_clk
inv_pllock
fifo_bypass
DESCRIPTION
0 V
1
1
1
Not a valid setting. Do not use.
3.3 V
X
X
1
Internal PLL enabled, CLK1/CLK1C input differential clock is
used to latch the input data. The FIFO is always disabled in this
mode.
3.3 V
X
X
0
Not a valid setting. Do not use.
BIT 7
BIT 0
qflag
interl
dual_clk
twos
rev_abus
rev_bbus
fir_bypass
full_bypass
0
0
0
0
0
0
0
0
qflag:
When set, the QFLAG input pin operates as a B sample indicator when interleaved data is
enabled. When cleared, the TXENABLE rising determines the A/B timing relationship.
interl:
When set, interleaved input data mode is enabled; both A and B data streams are input at the
DA(15:0) input pins.
dual_clk:
Only used when the PLL is disabled. When set, two differential clocks are used to input the data to
the chip; CLK1/CLK1C is used to latch the input data into the chip and CLK2/CLK2C is used as the
DAC sample clock.
twos:
When set, input data is interpreted as 2’s complement. When cleared, input data is interpreted as
offset binary.
rev_abus:
When cleared, DA input data MSB to LSB order is DA(15) = MSB and DA(0) = LSB. When set, DA
input data MSB to LSB order is reversed, DA(15) = LSB and DA(0) = MSB.
rev_bbus:
When cleared, DB input data MSB to LSB order is DB(15) = MSB and DB(0) = LSB. When set, DB
input data MSB to LSB order is reversed, DB(15) = LSB and DB(0) = MSB.
fir_bypass: When set, all interpolation filters are bypassed (interp(1:0) setting has no effect). QMC and NCO
blocks are functional in this mode up to f
dac = 250 MHz, limited by the input datarate.
full_bypass: When set, all filtering, QMC and NCO functions are bypassed.
BIT 7
BIT 0
nco
nco_gain
qmc
cm_mode(3:0)
invsinc
1
0
0
0
0
0
0
0
nco:
When set, the NCO is enabled.
nco_gain:
When set, the data output of the NCO is increased by 2
×.
qmc:
Quadrature modulator gain and phase correction is enabled when set.
cm_mode(3:0): Controls f
DAC/2 or fDAC/4 mixer modes for the coarse mixer block.
Table 3. Coarse Mixer Sequences
cm_mode(3:0)
Mixing Mode
Sequence
00XX
No mixing
0100
fDAC/2
DAC A = {–A +A –A +A
…}
DAC B = {–B +B –B +B
…}
0101
fDAC/2
DAC A = {–A +A –A +A
…}
DAC B = {+B –B +B –B
…}
0110
fDAC/2
DAC A = {+A –A +A –A
…}
DAC B = {–B +B –B +B
…}
0111
fDAC2
DAC A = {+A –A +A –A
…}
DAC B = {+B –B +B –B
…}
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com