Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687MPZPEP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 44 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 40Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 41Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 42Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 43Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 44Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 45Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 46Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 47Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
www.ti.com
t
align +
1
2f
CLK2
* 0.5 ns
th
CLK2
CLK1
DA[15:0]
DB[15:0]
∆ < talign
ts
th
CLK1
DA[15:0]
DB[15:0]
ts
Input FIFO
DAC5687-EP
SGLS333 – JUNE 2006
where fCLK2 is the clock frequency at CLK2. For example, talign = 0.5 ns at fCLK2 = 500 MHz and 1.5 ns at fCLK2 =
250 MHz.
If the FIFO is enabled (inv_plllock set) in dual clock mode, then CLK1 is only used as an input latch (Figure 49)
and is independent from the internal divided clock generated from CLK2/CLK2C and there is no alignment
specification. However, the FIFO needs to be synchronized by one of the methods listed in SYNC_CNTL
register and the latency of the DAC can be up to one clock cycle different depending on the phase relationship
between CLK1 and the internally divided clock.
Figure 48. Dual Clock Mode Without FIFO
Figure 49. Dual Clock Mode With FIFO
The CDC7005 from Texas Instruments is recommended for providing phase aligned clocks at different
frequencies for this application.
In DAC clock mode, where the DAC5687 is clocked at the DAC update rate, the DAC5687 has an optional input
FIFO that allows latching of DA[15:0], DB[15:0] and PHSTR based on a user provided CLK1/CLK1C input or the
input data rate clock provided to the PLLLOCK pin. The FIFO can be bypassed by setting register fifo_bypass
in CONFIG0 to 1.
The input interface FIFO incorporates a four sample register file, an input pointer, and an output pointer.
Initialization of the FIFO pointers can be programmed to one of seven different sources.
44
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com