Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 19 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 19 Page - Texas Instruments

Back Button C6416 Datasheet HTML 15Page - Texas Instruments C6416 Datasheet HTML 16Page - Texas Instruments C6416 Datasheet HTML 17Page - Texas Instruments C6416 Datasheet HTML 18Page - Texas Instruments C6416 Datasheet HTML 19Page - Texas Instruments C6416 Datasheet HTML 20Page - Texas Instruments C6416 Datasheet HTML 21Page - Texas Instruments C6416 Datasheet HTML 22Page - Texas Instruments C6416 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 10. Interrupt Selector Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
019C 0000
MUXH
Interrupt multiplexer high
Selects which interrupts drive CPU
interrupts 10−15 (INT10−INT15)
019C 0004
MUXL
Interrupt multiplexer low
Selects which interrupts drive CPU
interrupts 4−9 (INT04−INT09)
019C 0008
EXTPOL
External interrupt polarity
Sets the polarity of the external
interrupts (EXT_INT4−EXT_INT7)
019C 000C − 019C 01FF
−
Reserved
Table 11. McBSP 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
018C 0000
DRR0
McBSP0 data receive register via Configuration Bus
The CPU and EDMA controller
can only read this register;
they cannot write to it.
0x3000 0000 − 0x33FF FFFF
DRR0
McBSP0 data receive register via Peripheral Bus
018C 0004
DXR0
McBSP0 data transmit register via Configuration Bus
0x3000 0000 − 0x33FF FFFF
DXR0
McBSP0 data transmit register via Peripheral Bus
018C 0008
SPCR0
McBSP0 serial port control register
018C 000C
RCR0
McBSP0 receive control register
018C 0010
XCR0
McBSP0 transmit control register
018C 0014
SRGR0
McBSP0 sample rate generator register
018C 0018
MCR0
McBSP0 multichannel control register
018C 001C
RCERE00
McBSP0 enhanced receive channel enable register 0
018C 0020
XCERE00
McBSP0 enhanced transmit channel enable register 0
018C 0024
PCR0
McBSP0 pin control register
018C 0028
RCERE10
McBSP0 enhanced receive channel enable register 1
018C 002C
XCERE10
McBSP0 enhanced transmit channel enable register 1
018C 0030
RCERE20
McBSP0 enhanced receive channel enable register 2
018C 0034
XCERE20
McBSP0 enhanced transmit channel enable register 2
018C 0038
RCERE30
McBSP0 enhanced receive channel enable register 3
018C 003C
XCERE30
McBSP0 enhanced transmit channel enable register 3
018C 0040 − 018F FFFF
–
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com