Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 14 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 14 Page - Texas Instruments

Back Button C6416 Datasheet HTML 10Page - Texas Instruments C6416 Datasheet HTML 11Page - Texas Instruments C6416 Datasheet HTML 12Page - Texas Instruments C6416 Datasheet HTML 13Page - Texas Instruments C6416 Datasheet HTML 14Page - Texas Instruments C6416 Datasheet HTML 15Page - Texas Instruments C6416 Datasheet HTML 16Page - Texas Instruments C6416 Datasheet HTML 17Page - Texas Instruments C6416 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 6. L2 Cache Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0184 0000
CCFG
Cache configuration register
0184 0004 − 0184 0FFC
−
Reserved
0184 1000
EDMAWEIGHT
L2 EDMA access control register
0184 1004 − 0184 1FFC
−
Reserved
0184 2000
L2ALLOC0
L2 allocation register 0
0184 2004
L2ALLOC1
L2 allocation register 1
0184 2008
L2ALLOC2
L2 allocation register 2
0184 200C
L2ALLOC3
L2 allocation register 3
0184 2010 − 0184 3FFC
−
Reserved
0184 4000
L2FBAR
L2 flush base address register
0184 4004
L2FWC
L2 flush word count register
0184 4010
L2CBAR
L2 clean base address register
0184 4014
L2CWC
L2 clean word count register
0184 4020
L1PFBAR
L1P flush base address register
0184 4024
L1PFWC
L1P flush word count register
0184 4030
L1DFBAR
L1D flush base address register
0184 4034
L1DFWC
L1D flush word count register
0184 4038 − 0184 4FFC
−
Reserved
0184 5000
L2FLUSH
L2 flush register
0184 5004
L2CLEAN
L2 clean register
0184 5008 − 0184 7FFC
−
Reserved
0184 8000 − 0184 817C
MAR0 to
MAR95
Reserved
0184 8180
MAR96
Controls EMIFB CE0 range 6000 0000 − 60FF FFFF
0184 8184
MAR97
Controls EMIFB CE0 range 6100 0000 − 61FF FFFF
0184 8188
MAR98
Controls EMIFB CE0 range 6200 0000 − 62FF FFFF
0184 818C
MAR99
Controls EMIFB CE0 range 6300 0000 − 63FF FFFF
0184 8190
MAR100
Controls EMIFB CE1 range 6400 0000 − 64FF FFFF
0184 8194
MAR101
Controls EMIFB CE1 range 6500 0000 − 65FF FFFF
0184 8198
MAR102
Controls EMIFB CE1 range 6600 0000 − 66FF FFFF
0184 819C
MAR103
Controls EMIFB CE1 range 6700 0000 − 67FF FFFF
0184 81A0
MAR104
Controls EMIFB CE2 range 6800 0000 − 68FF FFFF
0184 81A4
MAR105
Controls EMIFB CE2 range 6900 0000 − 69FF FFFF
0184 81A8
MAR106
Controls EMIFB CE2 range 6A00 0000 − 6AFF FFFF
0184 81AC
MAR107
Controls EMIFB CE2 range 6B00 0000 − 6BFF FFFF
0184 81B0
MAR108
Controls EMIFB CE3 range 6C00 0000 − 6CFF FFFF
0184 81B4
MAR109
Controls EMIFB CE3 range 6D00 0000 − 6DFF FFFF
0184 81B8
MAR110
Controls EMIFB CE3 range 6E00 0000 − 6EFF FFFF
0184 81BC
MAR111
Controls EMIFB CE3 range 6F00 0000 − 6FFF FFFF
0184 81C0 − 0184 81FC
MAR112 to
MAR127
Reserved
0184 8200
MAR128
Controls EMIFA CE0 range 8000 0000 − 80FF FFFF
0184 8204
MAR129
Controls EMIFA CE0 range 8100 0000 − 81FF FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com