Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 35 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 35 Page - Texas Instruments

Back Button C6416 Datasheet HTML 31Page - Texas Instruments C6416 Datasheet HTML 32Page - Texas Instruments C6416 Datasheet HTML 33Page - Texas Instruments C6416 Datasheet HTML 34Page - Texas Instruments C6416 Datasheet HTML 35Page - Texas Instruments C6416 Datasheet HTML 36Page - Texas Instruments C6416 Datasheet HTML 37Page - Texas Instruments C6416 Datasheet HTML 38Page - Texas Instruments C6416 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS
The C6414, C6415, and C6416 peripheral selections and other device configurations are determined by
external pullup/pulldown resistors on the following pins (all of which are latched during device reset):
D peripherals selection (C6415 and C6416 devices)
−
BEA11 (UTOPIA_EN)
−
PCI_EN (for C6415 or C6416, see Table 27 footnotes)
−
MCBSP2_EN (for C6414 or C6416, see Table 27 footnotes)
The C6414 device does not support the PCI and UTOPIA peripherals; for proper operation of the C6414
device, do not oppose the internal pulldowns (IPDs) on the BEA11, PCI_EN, and MCBSP2_EN pins. (For
IPUs/IPDs on pins, see the Terminal Functions table of this data sheet.)
D other device configurations (C64x)
−
BEA[20:13, 7]
−
HD5
peripherals selection
Some C6415/C6416 peripherals share the same pins (internally MUXed) and are mutually exclusive (i.e., HPI,
general-purpose input/output pins GP[15:9], PCI and its internal EEPROM, McBSP1, McBSP2, and UTOPIA).
The VCP/TCP coprocessors (C6416 only) and other C64x peripherals (i.e., the Timers, McBSP0, and the
GP[8:0] pins), are always available.
D UTOPIA and McBSP1 peripherals
The UTOPIA_EN pin (BEA11) is latched at reset. For C6415 and C6416 devices, this pin selects whether
the UTOPIA peripheral or McBSP1 peripheral is functionally enabled (see Table 26).
The C6414 device does not support the UTOPIA peripheral; for proper device operation, do not oppose the
internal pulldown (IPD) on the BEA11 pin.
Table 26. UTOPIA_EN Peripheral Selection (McBSP1 and UTOPIA) (C6415/C6416 Only)
PERIPHERAL SELECTION
PERIPHERALS SELECTED
UTOPIA_EN
(BEA11) Pin [F14]
UTOPIA
McBSP1
DESCRIPTION
0
√
McBSP1 is enabled and UTOPIA is disabled [default].
This means all multiplexed McBSP1/UTOPIA pins function as McBSP1
and all other standalone UTOPIA pins are tied-off (Hi-Z).
1
√
UTOPIA is enabled and McBSP1 is disabled.
This means all multiplexed McBSP1/UTOPIA pins now function as
UTOPIA and all other standalone McBSP1 pins are tied-off (Hi-Z).
D HPI, GP[15:9], PCI, EEPROM (internal to PCI), and McBSP2 peripherals
The PCI_EN and MCBSP2_EN pins are latched at reset. They determine specific peripheral selection for
the C6415 and C6416 devices, summarized in Table 27.
The C6414 device does not support the PCI peripheral; for proper device operation, do not oppose the
internal pulldowns (IPDs) on the PCI_EN and MCBSP2_EN pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com