Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 37 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 37 Page - Texas Instruments

Back Button C6416 Datasheet HTML 33Page - Texas Instruments C6416 Datasheet HTML 34Page - Texas Instruments C6416 Datasheet HTML 35Page - Texas Instruments C6416 Datasheet HTML 36Page - Texas Instruments C6416 Datasheet HTML 37Page - Texas Instruments C6416 Datasheet HTML 38Page - Texas Instruments C6416 Datasheet HTML 39Page - Texas Instruments C6416 Datasheet HTML 40Page - Texas Instruments C6416 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 28. Device Configuration Pins (BEA[20:13, 9:7], HD5, and BEA11)
CONFIGURATION
PIN
NO.
FUNCTIONAL DESCRIPTION
BEA20
E15
Device Endian mode (LEND)
0
–
System operates in Big Endian mode
1
− System operates in Little Endian mode (default)
BEA[19:18]
[D17,
J14]
Bootmode [1:0]
00 –
No boot
01 − HPI boot
10 − EMIFB 8-bit ROM boot with default timings (default mode)
11 − Reserved
BEA[17:16]
[E16,
G15]
EMIFA input clock select
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
00 –
AECLKIN (default mode)
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
11 − Reserved
BEA[15:14]
[C18,
F15]
EMIFB input clock select
Clock mode select for EMIFB (BECLKIN_SEL[1:0])
00 –
BECLKIN (default mode)
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
11 − Reserved
BEA13
D16
PCI EEPROM Auto-Initialization (EEAI) [C6415 and C6416 devices only]
[The C6414 device does not support the PCI peripheral; for proper device operation, do not oppose the
internal pulldown (IPD) on the BEA13 pin
.]
PCI auto-initialization via external EEPROM
0
− PCI auto-initialization through EEPROM is disabled; the PCI peripheral uses the specified
PCI default values (default).
1
− PCI auto-initialization through EEPROM is enabled; the PCI peripheral is configured
through EEPROM provided the PCI peripheral pin is enabled (PCI_EN = 1) and the
McBSP2 peripheral pin is disabled (MCBSP2_EN = 0).
Note: If the PCI peripheral is disabled (PCI_EN pin = 0), this pin must not be pulled up.
For more information on the PCI EEPROM default values, see the TMS320C6000 DSP Peripheral
Component Interconnect (PCI) Reference Guide (literature number SPRU581).
BEA11
F14
UTOPIA Enable (UTOPIA_EN) [C6415 and C6416 devices only]
[The C6414 device does not support the UTOPIA peripheral; for proper device operation, do not
oppose the internal pulldown (IPD) on the BEA11 pin
.]
UTOPIA peripheral enable (functional)
0
− UTOPIA peripheral disabled (McBSP1 functions are enabled). [default]
This means all multiplexed McBSP1/UTOPIA pins function as McBSP1 and all other
standalone UTOPIA pins are tied-off (Hi-Z).
1
− UTOPIA peripheral enabled (McBSP1 functions are disabled).
This means all multiplexed McBSP1/UTOPIA pins now function as UTOPIA and all other
standalone McBSP1 pins are tied-off (Hi-Z).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com