Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 44 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 44 Page - Texas Instruments

Back Button C6416 Datasheet HTML 40Page - Texas Instruments C6416 Datasheet HTML 41Page - Texas Instruments C6416 Datasheet HTML 42Page - Texas Instruments C6416 Datasheet HTML 43Page - Texas Instruments C6416 Datasheet HTML 44Page - Texas Instruments C6416 Datasheet HTML 45Page - Texas Instruments C6416 Datasheet HTML 46Page - Texas Instruments C6416 Datasheet HTML 47Page - Texas Instruments C6416 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
44
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
HOST-PORT INTERFACE (HPI) [C64x] or PERIPHERAL COMPONENT INTERCONNECT (PCI) [C6415 or C6416 devices only]
(CONTINUED)
PCBE0
Y3
I/O/Z
PCI command/byte enable 0 (I/O/Z). When PCI is disabled (PCI_EN = 0), this pin is tied-off.
For the C6414 device this pin is “Reserved (leave unconnected, do not connect to power or
ground).”
XSP_CS
AA3
O
IPD
PCI serial interface chip select (O). When PCI is disabled (PCI_EN = 0), this pin is tied-off.
For the C6414 device this pin is “Reserved (leave unconnected, do not connect to power or
ground).”
CLKX2/
XSP_CLK§
W5
I/O/Z
IPD
McBSP2 transmit clock (I/O/Z) [default] or PCI serial interface clock (O).
DR2/XSP_DI§
Y4
I
IPU
McBSP2 receive data (I) [default] or PCI serial interface data in (I). In PCI mode, this pin is
connected to the output data pin of the serial PROM.
DX2/XSP_DO§
R9
O/Z
IPU
McBSP2 transmit data (O/Z) [default] or PCI serial interface data out (O). In PCI mode, this pin
is connected to the input data pin of the serial PROM.
GP15/PRST§
J8
General-purpose input/output (GPIO) 15 pin (I/O/Z) or PCI reset (I). No function at default.
GP14/PCLK§
G5
GPIO 14 pin (I/O/Z) or PCI clock (I). No function at default.
GP13/PINTA§
G4
GPIO 13 pin (I/O/Z) or PCI interrupt A (O/Z). No function at default.
GP12/PGNT§
J7
I/O/Z
GPIO 12 pin (I/O/Z) or PCI bus grant (I). No function at default.
GP11/PREQ§
H6
I/O/Z
GPIO 11 pin (I/O/Z) or PCI bus request (O/Z). No function at default.
GP10/PCBE3§
L7
GPIO 10 pin (I/O/Z) or PCI command/byte enable 3 (I/O/Z). No function at default.
GP9/PIDSEL§
K6
GPIO 9 pin (I/O/Z) or PCI initialization device select (I). No function at default.
EMIFA (64-bit) − CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY||k
ACE3
K20
O/Z
IPU
EMIFA memory space enables
ACE2
L17
O/Z
IPU
EMIFA memory space enables
• Enabled by bits 28 through 31 of the word address
ACE1
J21
O/Z
IPU
• Enabled by bits 28 through 31 of the word address
• Only one pin is asserted during any external data access
ACE0
K19
O/Z
IPU
• Only one pin is asserted during any external data access
ABE7
P19
O/Z
IPU
ABE6
U22
O/Z
IPU
ABE5
T22
O/Z
IPU
EMIFA byte-enable control
Decoded from the low-order address bits. The number of address bits or byte enables
ABE4
R21
O/Z
IPU
EMIFA byte-enable control
• Decoded from the low-order address bits. The number of address bits or byte enables
used depends on the width of external memory.
ABE3
M17
O/Z
IPU
used depends on the width of external memory.
• Byte-write enables for most types of memory
ABE2
M18
O/Z
IPU
• Byte-write enables for most types of memory
• Can be directly connected to SDRAM read and write mask signal (SDQM)
ABE1
H22
O/Z
IPU
Can be directly connected to SDRAM read and write mask signal (SDQM)
ABE0
L19
O/Z
IPU
APDT
L20
O/Z
IPU
EMIFA peripheral data transfer, allows direct transfer between external peripherals
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ For the C6415 and C6416 devices, these pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
The C6414 device does not support the PCI or UTOPIA peripherals; therefore, these MUXed peripheral pins are standalone peripheral functions
for this device.
|| These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). The prefix “A” in front of a signal name indicates it is an EMIFA signal
whereas a prefix “B” in front of a signal name indicates it is an EMIFB signal. Throughout the rest of this document, in generic EMIF areas of
discussion, the prefix “A” or “B” may be omitted from the signal name.
kTo maintain signal integrity for the EMIF signals, serial termination resistors should be inserted into all EMIF output signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com