Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 65 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 65 Page - Texas Instruments

Back Button C6416 Datasheet HTML 61Page - Texas Instruments C6416 Datasheet HTML 62Page - Texas Instruments C6416 Datasheet HTML 63Page - Texas Instruments C6416 Datasheet HTML 64Page - Texas Instruments C6416 Datasheet HTML 65Page - Texas Instruments C6416 Datasheet HTML 66Page - Texas Instruments C6416 Datasheet HTML 67Page - Texas Instruments C6416 Datasheet HTML 68Page - Texas Instruments C6416 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
device and development-support tool nomenclature (continued)
C64x DSP:
6411
6414D
6414C
6415D
6415C
6416D
6416C
PREFIX
DEVICE SPEED RANGE
SMJ
32
C
6415C GAD
6E3
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMX= Preproduction device, MIL
SMJ = MIL-PRF-38535, QML
SM = Commercial processing
DEVICE FAMILY
3 or 32 or 320
= TMS320
t DSP family
TECHNOLOGY
PACKAGE TYPE§
GLZ = 532-pin plastic BGA
GAD = 570-pin ceramic micro pin PGA
C = CMOS
DEVICE¶
† See the Recommended Operating Conditions section of this data sheet for more details.
‡ The extended temperature “A version” devices may have different operating conditions than the commercial temperature devices.
See the Recommended Operating Conditions section of this data sheet for more details.
§ BGA = Ball Grid Array.
PGA = Pin Grid Array.
¶ For the actual device part numbers (P/Ns) and ordering information, see Table 30 of this data sheet.
TEMPERATURE RANGE (DEFAULT: 0
°C TO 90°C)†
( )
Blank = 0
°C to 90°C, commercial temperature
A
= −40
°C to 105°C, extended temperature‡
W
= −55
°C to 115°C, mil temp
300
5E0 (500-MHz CPU, 100-MHz EMIF)
6E3 (600-MHz CPU, 133-MHz EMIFA)
7E3 (720-MHz CPU, 133-MHz EMIFA)
60
(600-MHz CPU, 133-MHz EMIFA) military
Figure 4. SMJ320C64x
 DSP Device Nomenclature (Including the C6414, C6415, and C6416 Devices)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com