Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 83 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 83 Page - Texas Instruments

Back Button C6416 Datasheet HTML 79Page - Texas Instruments C6416 Datasheet HTML 80Page - Texas Instruments C6416 Datasheet HTML 81Page - Texas Instruments C6416 Datasheet HTML 82Page - Texas Instruments C6416 Datasheet HTML 83Page - Texas Instruments C6416 Datasheet HTML 84Page - Texas Instruments C6416 Datasheet HTML 85Page - Texas Instruments C6416 Datasheet HTML 86Page - Texas Instruments C6416 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
83
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
INPUT AND OUTPUT CLOCKS (CONTINUED)
Ideal Clock Period
1
5
6
2
3
ECLKIN
ECLKOUT1
4
4
Figure 20. ECLKOUT1 Timing for EMIFA and EMIFB Modules
switching characteristics over recommended operating conditions for ECLKOUT2 for the EMIFA
and EMIFB modules†‡§ (see Figure 21)
NO.
PARAMETER
MIN
MAX
UNIT
1
tJ(EKO2)
Period jitter, ECLKOUT2
0*
±175¶*
ps
2
tw(EKO2H)
Pulse duration, ECLKOUT2 high
0.5NE − 0.7*
0.5NE + 0.7*
ns
3
tw(EKO2L)
Pulse duration, ECLKOUT2 low
0.5NE − 0.7*
0.5NE + 0.7*
ns
4
tt(EKO2)
Transition time, ECLKOUT2
1*
ns
5
td(EKIH-EKO2H) Delay time, ECLKIN high to ECLKOUT2 high
1*
8*
ns
6
td(EKIH-EKO2L) Delay time, ECLKIN high to ECLKOUT2 low
1*
8*
ns
*This parameter is not production tested.
† The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
‡ These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are
prefixed by a “B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted.
§ E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA or EMIFB.
N = the EMIF input clock divider; N = 1, 2, or 4.
¶ This period jitter specification was measured with CPU/4 or CPU/6 as the source of the EMIF input clock.
Ideal Clock Period
5
6
ECLKIN
ECLKOUT2
4
4
1
2
3
Figure 21. ECLKOUT2 Timing for the EMIFA and EMIFB Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com