Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 12 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 12 Page - Texas Instruments

Back Button C6416 Datasheet HTML 8Page - Texas Instruments C6416 Datasheet HTML 9Page - Texas Instruments C6416 Datasheet HTML 10Page - Texas Instruments C6416 Datasheet HTML 11Page - Texas Instruments C6416 Datasheet HTML 12Page - Texas Instruments C6416 Datasheet HTML 13Page - Texas Instruments C6416 Datasheet HTML 14Page - Texas Instruments C6416 Datasheet HTML 15Page - Texas Instruments C6416 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory map summary (continued)
Table 3. SMJ320C64x Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Internal RAM (L2)
1M
0000 0000 – 000F FFFF
Reserved
23M
0010 0000 – 017F FFFF
External Memory Interface A (EMIFA) Registers
256K
0180 0000 – 0183 FFFF
L2 Registers
256K
0184 0000 – 0187 FFFF
HPI Registers
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
256K
019C 0000 – 019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000 – 01A3 FFFF
McBSP 2 Registers
256K
01A4 0000 – 01A7 FFFF
EMIFB Registers
256K
01A8 0000 – 01AB FFFF
Timer 2 Registers
256K
01AC 0000 – 01AF FFFF
GPIO Registers
256K
01B0 0000 – 01B3 FFFF
UTOPIA Registers (C6415 and C6416 only)†
256K
01B4 0000 – 01B7 FFFF
TCP/VCP Registers (C6416 only)‡
256K
01B8 0000 – 01BB FFFF
Reserved
256K
01BC 0000 – 01BF FFFF
PCI Registers (C6415 and C6416 only)†
256K
01C0 0000 – 01C3 FFFF
Reserved
4M – 256K
01C4 0000 – 01FF FFFF
QDMA Registers
52
0200 0000 – 0200 0033
Reserved
736M – 52
0200 0034 – 2FFF FFFF
McBSP 0 Data
64M
3000 0000 – 33FF FFFF
McBSP 1 Data
64M
3400 0000 – 37FF FFFF
McBSP 2 Data
64M
3800 0000 – 3BFF FFFF
UTOPIA Queues (C6415 and C6416 only)†
64M
3C00 0000 – 3FFF FFFF
Reserved
256M
4000 0000 – 4FFF FFFF
TCP/VCP (C6416 only)‡
256M
5000 0000 – 5FFF FFFF
EMIFB CE0
64M
6000 0000 – 63FF FFFF
EMIFB CE1
64M
6400 0000 – 67FF FFFF
EMIFB CE2
64M
6800 0000 – 6BFF FFFF
EMIFB CE3
64M
6C00 0000 – 6FFF FFFF
Reserved
256M
7000 0000 – 7FFF FFFF
EMIFA CE0
256M
8000 0000 – 8FFF FFFF
EMIFA CE1
256M
9000 0000 – 9FFF FFFF
EMIFA CE2
256M
A000 0000 – AFFF FFFF
EMIFA CE3
256M
B000 0000 – BFFF FFFF
Reserved
1G
C000 0000 – FFFF FFFF
† For the C6414 device, these memory address locations are reserved. The C6414 device does not support the UTOPIA and PCI peripherals.
‡ Only the C6416 device supports the VCP/TCP Coprocessors. For the C6414 and C6415 devices, these memory address locations are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com