Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 82 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 82 Page - Texas Instruments

Back Button C6416 Datasheet HTML 78Page - Texas Instruments C6416 Datasheet HTML 79Page - Texas Instruments C6416 Datasheet HTML 80Page - Texas Instruments C6416 Datasheet HTML 81Page - Texas Instruments C6416 Datasheet HTML 82Page - Texas Instruments C6416 Datasheet HTML 83Page - Texas Instruments C6416 Datasheet HTML 84Page - Texas Instruments C6416 Datasheet HTML 85Page - Texas Instruments C6416 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
82
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
INPUT AND OUTPUT CLOCKS (CONTINUED)
timing requirements for ECLKIN for EMIFA and EMIFB†‡§ (see Figure 19)
NO.
MIN
MAX
UNIT
1
tc(EKI)
Cycle time, ECLKIN
6¶*
16P*
ns
2
tw(EKIH)
Pulse duration, ECLKIN high
2.7*
ns
3
tw(EKIL)
Pulse duration, ECLKIN low
2.7*
ns
4
tt(EKI)
Transition time, ECLKIN
2*
ns
*This parameter is not production tested.
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
‡ The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
§ These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are
prefixed by a “B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted.
¶ Minimum ECLKIN times are based on internal logic speed; the maximum useable speed of the EMIF may be lower due to AC timing requirements.
On the 7E3 and 6E3 devices, 133-MHz operation is achievable if the requirements of the EMIF Device Speed section are met. On the 5E0 devices,
100-MHz operation is achievable if the requirements of the EMIF Device Speed section are met.
ECLKIN
1
2
3
4
4
Figure 19. ECLKIN Timing for EMIFA and EMIFB
switching characteristics over recommended operating conditions for ECLKOUT1 for EMIFA and
EMIFB modules§#||k (see Figure 20)
NO.
PARAMETER
MIN
MAX
UNIT
1
tJ(EKO1)
Period jitter, ECLKOUT1
0*
±175h*
ps
2
tw(EKO1H)
Pulse duration, ECLKOUT1 high
EH − 0.7*
EH + 0.7*
ns
3
tw(EKO1L)
Pulse duration, ECLKOUT1 low
EL − 0.7*
EL + 0.7*
ns
4
tt(EKO1)
Transition time, ECLKOUT1
1*
ns
5
td(EKIH-EKO1H)
Delay time, ECLKIN high to ECLKOUT1 high
1*
8*
ns
6
td(EKIL-EKO1L)
Delay time, ECLKIN low to ECLKOUT1 low
1*
8*
ns
*This parameter is not production tested.
§ These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are
prefixed by a “B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted.
# The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
|| E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA or EMIFB.
kEH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns for EMIFA or EMIFB.
hThis period jitter specification was measured with CPU/4 or CPU/6 as the source of the EMIF input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com