Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 25 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 25 Page - Texas Instruments

Back Button C6416 Datasheet HTML 21Page - Texas Instruments C6416 Datasheet HTML 22Page - Texas Instruments C6416 Datasheet HTML 23Page - Texas Instruments C6416 Datasheet HTML 24Page - Texas Instruments C6416 Datasheet HTML 25Page - Texas Instruments C6416 Datasheet HTML 26Page - Texas Instruments C6416 Datasheet HTML 27Page - Texas Instruments C6416 Datasheet HTML 28Page - Texas Instruments C6416 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 22. VCP Registers (C6416 Only)†
EDMA BUS
HEX ADDRESS RANGE
PERIPHERAL BUS
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
5000 0000
01B8 0000
VCPIC0
VCP input configuration register 0
5000 0004
01B8 0004
VCPIC1
VCP input configuration register 1
5000 0008
01B8 0008
VCPIC2
VCP input configuration register 2
5000 000C
01B8 000C
VCPIC3
VCP input configuration register 3
5000 0010
01B8 0010
VCPIC4
VCP input configuration register 4
5000 0014
01B8 0014
VCPIC5
VCP input configuration register 5
5000 0040
01B8 0024
VCPOUT0
VCP output register 0
5000 0044
01B8 0028
VCPOUT1
VCP output register 1
5000 0080
−
VCPWBM
VCP branch metrics write register
5000 0088
−
VCPRDECS
VCP decisions read register
−
01B8 0018
VCPEXE
VCP execution register
−
01B8 0020
VCPEND
VCP endian register
−
01B8 0040
VCPSTAT0
VCP status register 0
−
01B8 0044
VCPSTAT1
VCP status register 1
−
01B8 0050
VCPERR
VCP error register
† These VCP registers are supported on the C6416 device only.
Table 23. TCP Registers (C6416 Only)‡
EDMA BUS
HEX ADDRESS RANGE
PERIPHERAL BUS
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
5800 0000
01BA 0000
TCPIC0
TCP input configuration register 0
5800 0004
01BA 0004
TCPIC1
TCP input configuration register 1
5800 0008
01BA 0008
TCPIC2
TCP input configuration register 2
5800 000C
01BA 000C
TCPIC3
TCP input configuration register 3
5800 0010
01BA 0010
TCPIC4
TCP input configuration register 4
5800 0014
01BA 0014
TCPIC5
TCP input configuration register 5
5800 0018
01BA 0018
TCPIC6
TCP input configuration register 6
5800 001C
01BA 001C
TCPIC7
TCP input configuration register 7
5800 0020
01BA 0020
TCPIC8
TCP input configuration register 8
5800 0024
01BA 0024
TCPIC9
TCP input configuration register 9
5800 0028
01BA 0028
TCPIC10
TCP input configuration register 10
5800 002C
01BA 002C
TCPIC11
TCP input configuration register 11
5800 0030
01BA 0030
TCPOUT
TCP output parameters register
5802 0000
−
TCPSP
TCP systematics and parities memory
5804 0000
−
TCPEXT
TCP extrinsic memory
5806 0000
−
TCPAP
TCP apriori memory
5808 0000
−
TCPINTER
TCP interleaver memory
580A 0000
−
TCPHD
TCP hard decisions memory
−
01BA 0038
TCPEXE
TCP execution register
−
01BA 0040
TCPEND
TCP endian register
−
01BA 0050
TCPERR
TCP error register
−
01BA 0058
TCPSTAT
TCP status register
‡ These TCP registers are supported on the C6416 device only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com