Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 53 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 53 Page - Texas Instruments

Back Button C6416 Datasheet HTML 49Page - Texas Instruments C6416 Datasheet HTML 50Page - Texas Instruments C6416 Datasheet HTML 51Page - Texas Instruments C6416 Datasheet HTML 52Page - Texas Instruments C6416 Datasheet HTML 53Page - Texas Instruments C6416 Datasheet HTML 54Page - Texas Instruments C6416 Datasheet HTML 55Page - Texas Instruments C6416 Datasheet HTML 56Page - Texas Instruments C6416 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
UTOPIA SLAVE (ATM CONTROLLER) − TRANSMIT INTERFACE (CONTINUED)
UXDATA7Y
W10
UXDATA6Y
T11
UXDATA5Y
W9
8-bit Transmit Data Bus
Using the Transmit Data Bus, the UTOPIA Slave (on the rising edge of the UXCLK) transmits
UXDATA4Y
AB6
O/Z
8-bit Transmit Data Bus
Using the Transmit Data Bus, the UTOPIA Slave (on the rising edge of the UXCLK) transmits
the 8-bit ATM cells to the Master ATM Controller.
UXDATA3Y
V10
O/Z
the 8-bit ATM cells to the Master ATM Controller.
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), these pins are tied-
UXDATA2Y
U10
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), these pins are tied-
off.
UXDATA1Y
AA7
off.
UXDATA0Y
V9
UTOPIA SLAVE (ATM CONTROLLER) − RECEIVE INTERFACE
URCLKY
U12
I
h
Source clock for UTOPIA receive driven by Master ATM Controller.
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), this pin is tied-off.
URCLAVY
AA14
O/Z
Receive cell available status output signal from UTOPIA Slave.
0
indicates NO space is available to receive a cell from Master ATM Controller
1
indicates space is available to receive a cell from Master ATM Controller
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), this pin is tied-off.
URENBY
AB16
I
◊
UTOPIA receive interface enable input signal. Asserted by the Master ATM Controller to indi-
cate to the UTOPIA Slave to sample the Receive Data Bus (URDATA[7:0]) and URSOC signal
in the next clock cycle or thereafter.
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), this pin is tied-off.
URSOCY
W13
I
h
Receive Start-of-Cell signal. This signal is output by the Master ATM Controller to indicate to
the UTOPIA Slave that the first valid byte of the cell is available to sample on the 8-bit Receive
Data Bus (URDATA[7:0]).
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), this pin is tied-off.
CLKX1/
URADDR4§
T12
I/O/Z
◊
McBSP1 [default] or UTOPIA receive address pins
As UTOPIA receive address pins URADDR[4:0] (I), UTOPIA_EN (BEA11 pin) = 1:
CLKS1/
URADDR3§
Y8
I
◊
As UTOPIA receive address pins URADDR[4:0] (I), UTOPIA_EN (BEA11 pin) = 1:
• 5-bit Slave receive address input pins driven by the Master ATM Controller to identify and
select one of the Slave devices (up to 31 possible) in the ATM System.
CLKR1/
URADDR2§
AB7
I/O/Z
◊
select one of the Slave devices (up to 31 possible) in the ATM System.
• URADDR1 and URADDR0 pins are tied off when the UTOPIA peripheral is disabled
[UTOPIA_EN (BEA11 pin) = 0]
URADDR1Y
U11
I
◊
[UTOPIA_EN (BEA11 pin) = 0]
For the McBSP1 pin functions (UTOPIA_EN (BEA11 pin) = 0 [default]), see the MULTICHAN-
URADDR0Y
AA9
I
◊
For the McBSP1 pin functions (UTOPIA_EN (BEA11 pin) = 0 [default]), see the MULTICHAN-
NEL BUFFERED SERIAL PORT 1 (McBSP1) section of this table.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
hExternal pulldowns required: If UTOPIA is selected (BEA11 = 1) and these pins are connected to other devices, then a 10-kΩ resistor must be
used to externally pull down each of these pins. If these pins are “no connects”, then only UXCLK and URCLK need to be pulled down and other
pulldowns are not necessary.
◊ External pullups required: If UTOPIA is selected (BEA11 = 1) and these pins are connected to other devices, then a 10-kΩ resistor must be used
to externally pull up each of these pins. If these pins are “no connects”, then the pullups are not necessary.
ΨThe C6414 device does not support the UTOPIA peripheral; therefore, these standalone UTOPIA pins are Reserved (leave unconnected, do
not connect to power or ground) with the exception of UXCLK and URCLK which should be connected to a 10-k
Ω pulldown resistor (see the
square [
h] footnote).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com