Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 13 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 13 Page - Texas Instruments

Back Button C6416 Datasheet HTML 9Page - Texas Instruments C6416 Datasheet HTML 10Page - Texas Instruments C6416 Datasheet HTML 11Page - Texas Instruments C6416 Datasheet HTML 12Page - Texas Instruments C6416 Datasheet HTML 13Page - Texas Instruments C6416 Datasheet HTML 14Page - Texas Instruments C6416 Datasheet HTML 15Page - Texas Instruments C6416 Datasheet HTML 16Page - Texas Instruments C6416 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions
Table 4 through Table 23 identify the peripheral registers for the C6414, C6415, and C6416 devices by their
register names, acronyms, and hex address or hex address range. For more detailed information on the register
contents, bit names and their descriptions, see the specific peripheral reference guide listed in the
TMS320C6000 DSP Peripherals Overview Reference Guide (literature number SPRU190).
Table 4. EMIFA Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0180 0000
GBLCTL
EMIFA global control
0180 0004
CECTL1
EMIFA CE1 space control
0180 0008
CECTL0
EMIFA CE0 space control
0180 000C
−
Reserved
0180 0010
CECTL2
EMIFA CE2 space control
0180 0014
CECTL3
EMIFA CE3 space control
0180 0018
SDCTL
EMIFA SDRAM control
0180 001C
SDTIM
EMIFA SDRAM refresh control
0180 0020
SDEXT
EMIFA SDRAM extension
0180 0024 − 0180 003C
−
Reserved
0180 0040
PDTCTL
Peripheral device transfer (PDT) control
0180 0044
CESEC1
EMIFA CE1 space secondary control
0180 0048
CESEC0
EMIFA CE0 space secondary control
0180 004C
−
Reserved
0180 0050
CESEC2
EMIFA CE2 space secondary control
0180 0054
CESEC3
EMIFA CE3 space secondary control
0180 0058 − 0183 FFFF
–
Reserved
Table 5. EMIFB Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01A8 0000
GBLCTL
EMIFB global control
01A8 0004
CECTL1
EMIFB CE1 space control
01A8 0008
CECTL0
EMIFB CE0 space control
01A8 000C
−
Reserved
01A8 0010
CECTL2
EMIFB CE2 space control
01A8 0014
CECTL3
EMIFB CE3 space control
01A8 0018
SDCTL
EMIFB SDRAM control
01A8 001C
SDTIM
EMIFB SDRAM refresh control
01A8 0020
SDEXT
EMIFB SDRAM extension
01A8 0024 − 01A8 003C
−
Reserved
01A8 0040
PDTCTL
Peripheral device transfer (PDT) control
01A8 0044
CESEC1
EMIFB CE1 space secondary control
01A8 0048
CESEC0
EMIFB CE0 space secondary control
01A8 004C
−
Reserved
01A8 0050
CESEC2
EMIFB CE2 space secondary control
01A8 0054
CESEC3
EMIFB CE3 space secondary control
01A8 0058 − 01AB FFFF
–
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com