Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 22 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 22 Page - Texas Instruments

Back Button C6416 Datasheet HTML 18Page - Texas Instruments C6416 Datasheet HTML 19Page - Texas Instruments C6416 Datasheet HTML 20Page - Texas Instruments C6416 Datasheet HTML 21Page - Texas Instruments C6416 Datasheet HTML 22Page - Texas Instruments C6416 Datasheet HTML 23Page - Texas Instruments C6416 Datasheet HTML 24Page - Texas Instruments C6416 Datasheet HTML 25Page - Texas Instruments C6416 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 17. HPI Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
−
HPID
HPI data register
Host read/write access only
0188 0000
HPIC
HPI control register
HPIC has both Host/CPU
read/write access
0188 0004
HPIA
(HPIAW)†
HPI address register (Write)
HPIA has both Host/CPU
0188 0008
HPIA
(HPIAR)†
HPI address register (Read)
HPIA has both Host/CPU
read/write access
0188 000C − 0189 FFFF
−
Reserved
018A 0000
TRCTL
HPI transfer request control register
018A 0004 − 018B FFFF
−
Reserved
† Host access to the HPIA register updates both the HPIAW and HPIAR registers. The CPU can access HPIAW and HPIAR independently.
Table 18. GPIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01B0 0000
GPEN
GPIO enable register
01B0 0004
GPDIR
GPIO direction register
01B0 0008
GPVAL
GPIO value register
01B0 000C
−
Reserved
01B0 0010
GPDH
GPIO delta high register
01B0 0014
GPHM
GPIO high mask register
01B0 0018
GPDL
GPIO delta low register
01B0 001C
GPLM
GPIO low mask register
01B0 0020
GPGC
GPIO global control register
01B0 0024
GPPOL
GPIO interrupt polarity register
01B0 0028 − 01B0 01FF
−
Reserved
01B0 0200
DEVICE_REV
Silicon Revision Identification Register
(For more details, see the device characteristics listed in Table 1.)
01B0 0204 − 01B3 FFFF
−
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com