Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 84 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 84 Page - Texas Instruments

Back Button C6416 Datasheet HTML 80Page - Texas Instruments C6416 Datasheet HTML 81Page - Texas Instruments C6416 Datasheet HTML 82Page - Texas Instruments C6416 Datasheet HTML 83Page - Texas Instruments C6416 Datasheet HTML 84Page - Texas Instruments C6416 Datasheet HTML 85Page - Texas Instruments C6416 Datasheet HTML 86Page - Texas Instruments C6416 Datasheet HTML 87Page - Texas Instruments C6416 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
84
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ASYNCHRONOUS MEMORY TIMING
timing requirements for asynchronous memory cycles for EMIFA module†‡§
(see Figure 22 and Figure 23)
NO.
MIN
MAX
UNIT
3
tsu(EDV-AREH)
Setup time, EDx valid before ARE high
6.5
ns
4
th(AREH-EDV)
Hold time, EDx valid after ARE high
1
ns
6
tsu(ARDY-EKO1H)
Setup time, ARDY valid before ECLKOUTx high
3
ns
7
th(EKO1H-ARDY)
Hold time, ARDY valid after ECLKOUTx high
1
ns
† To ensure data setup time, simply program the strobe width wide enough. ARDY is internally synchronized. The ARDY signal is only recognized
two cycles before the end of the programmed strobe time and while ARDY is low, the strobe time is extended cycle-by-cycle. When ARDY is
recognized low, the end of the strobe time is two cycles after ARDY is recognized high. To use ARDY as an asynchronous input, the pulse width
of the ARDY signal should be wide enough (e.g., pulse width = 2E) to ensure setup and hold time is met.
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ These C64x devices have two EMIFs (EMIFA and EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are prefixed by a
“B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted [e.g., the asynchronous
memory access signals are shown as generic (AOE, ARE, and AWE) instead of AAOE, AARE, and AAWE (for EMIFA) and BAOE, BARE, and
BAWE (for EMIFB)].
switching characteristics over recommended operating conditions for asynchronous memory
cycles for EMIFA moduleद# (see Figure 22 and Figure 23)
NO.
PARAMETER
MIN
MAX
UNIT
1
tosu(SELV-AREL)
Output setup time, select signals valid to ARE low
RS * E − 2
ns
2
toh(AREH-SELIV)
Output hold time, ARE high to select signals invalid
RH * E − 1.9
ns
5
td(EKO1H-AREV)
Delay time, ECLKOUTx high to ARE valid
1
7
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AWE low
WS * E − 1.7
ns
9
toh(AWEH-SELIV)
Output hold time, AWE high to select signals invalid
WH * E − 1.8
ns
10
td(EKO1H-AWEV)
Delay time, ECLKOUTx high to AWE valid
1.3
7.1
ns
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ These C64x devices have two EMIFs (EMIFA and EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are prefixed by a
“B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted [e.g., the asynchronous
memory access signals are shown as generic (AOE, ARE, and AWE) instead of AAOE, AARE, and AAWE (for EMIFA) and BAOE, BARE, and
BAWE (for EMIFB)].
¶ E = ECLKOUT1 period in ns for EMIFA or EMIFB
# Select signals for EMIFA include: ACEx, ABE[7:0], AEA[22:3], AAOE; and for EMIFA writes, include AED[63:0].
Select signals EMIFB include: BCEx, BBE[1:0], BEA[20:1], BAOE; and for EMIFB writes, include BED[15:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com