Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 77 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 77 Page - Texas Instruments

Back Button C6416 Datasheet HTML 73Page - Texas Instruments C6416 Datasheet HTML 74Page - Texas Instruments C6416 Datasheet HTML 75Page - Texas Instruments C6416 Datasheet HTML 76Page - Texas Instruments C6416 Datasheet HTML 77Page - Texas Instruments C6416 Datasheet HTML 78Page - Texas Instruments C6416 Datasheet HTML 79Page - Texas Instruments C6416 Datasheet HTML 80Page - Texas Instruments C6416 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
77
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and operating case
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VOH
High-level output voltage (except PCI)
DVDD = MIN,
IOH = MAX
2.4
V
VOHP
High-level output voltage (PCI)
[C6415/C6416 only]
IOHP = −0.5 mA,
DVDD = 3.3 V
0.9DVDD¶
V
VOL
Low-level output voltage (except PCI)
DVDD = MIN,
IOL = MAX
0.4
V
VOLP
Low-level output voltage (PCI)
[C6415/C6416 only]
IOLP = 1.5 mA,
DVDD = 3.3 V
0.1DVDD¶
V
VI = VSS to DVDD no opposing internal
resistor
±10
uA
II
Input current (except PCI)
VI = VSS to DVDD opposing internal
pullup resistor‡
50
100
150
uA
VI = VSS to DVDD opposing internal
pulldown resistor‡
−150
−100
−50
uA
IIP
Input leakage current (PCI)
[C6415/C6416 only]§
0 < VIP < DVDD = 3.3 V
±10
uA
EMIF, CLKOUT4, CLKOUT6, EMUx
−16
mA
IOH
High-level output current
Timer, UTOPIA, TDO, GPIO (Excluding
GP[15:9, 2, 1]), McBSP
−8
mA
PCI/HPI
−0.5¶
mA
EMIF, CLKOUT4, CLKOUT6, EMUx
16
mA
IOL
Low-level output current
Timer, UTOPIA, TDO, GPIO (Excluding
GP[15:9, 2, 1]), McBSP
8
mA
PCI/HPI
1.5¶
mA
IOZ
Off-state output current
VO = DVDD or 0 V
±10
uA
ICDD
Core supply current#
CVDD = 1.4 V, CPU clock = 600 MHz
750
mA
IDDD
I/O supply current#
DVDD = 3.3 V, CPU clock = 600 MHz
125
mA
Ci
Input capacitance
12
pF
Co
Output capacitance
12
pF
† For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
‡ Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
§ PCI input leakage currents include Hi-Z output leakage for all bidirectional buffers with 3-state outputs.
¶ These rated numbers are from the PCI specification version 2.3. The DC specification and AC specification are defined in Tables 4-3 and 4-4,
respectively.
# Measured with average activity (50% high/50% low power). The actual current draw is highly application-dependent. For more details on core
and I/O activity, refer to the TMS320C6414/15/16 Power Consumption Summary application report (literature number SPRA811).
recommended clock and control signal transition behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com