Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 51 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 51 Page - Texas Instruments

Back Button C6416 Datasheet HTML 47Page - Texas Instruments C6416 Datasheet HTML 48Page - Texas Instruments C6416 Datasheet HTML 49Page - Texas Instruments C6416 Datasheet HTML 50Page - Texas Instruments C6416 Datasheet HTML 51Page - Texas Instruments C6416 Datasheet HTML 52Page - Texas Instruments C6416 Datasheet HTML 53Page - Texas Instruments C6416 Datasheet HTML 54Page - Texas Instruments C6416 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
51
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKS1/
URADDR3§
Y8
I
McBSP1 external clock source (as opposed to internal) (I) [default] or UTOPIA receive
address 3 pin (I)
CLKR1/
URADDR2§
AB7
I/O/Z
McBSP1 receive clock (I/O/Z) [default] or UTOPIA receive address 2 pin (I)
CLKX1/
URADDR4§
T12
I/O/Z
McBSP1 transmit clock (I/O/Z) [default] or UTOPIA receive address 4 pin (I)
DR1/
UXADDR1§
V11
I
McBSP1 receive data (I) [default] or UTOPIA transmit address 1 pin (I)
DX1/
UXADDR4§
Y10
I/O/Z
McBSP1 transmit data (O/Z) [default] or UTOPIA transmit address 4 pin (I)
FSR1/
UXADDR2§
AA8
I/O/Z
McBSP1 receive frame sync (I/O/Z) [default] or UTOPIA transmit address 2 pin (I)
FSX1/
UXADDR3§
AA11
I/O/Z
McBSP1 transmit frame sync (I/O/Z) [default] or UTOPIA transmit address 3 pin (I)
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
CLKS0
F4
I
IPD
McBSP0 external clock source (as opposed to internal)
CLKR0
F5
I/O/Z
IPD
McBSP0 receive clock
CLKX0
K9
I/O/Z
IPD
McBSP0 transmit clock
DR0
G6
I
IPU
McBSP0 receive data
DX0
E4
O/Z
IPU
McBSP0 transmit data
FSR0
D3
I/O/Z
IPD
McBSP0 receive frame sync
FSX0
H7
I/O/Z
IPD
McBSP0 transmit frame sync
TIMER 2
TOUT2
F7
O/Z
IPD
Timer 2 or general-purpose output
TINP2
D5
I
IPD
Timer 2 or general-purpose input
TIMER 1
TOUT1
G8
O/Z
IPD
Timer 1 or general-purpose output
TINP1
D6
I
IPD
Timer 1 or general-purpose input
TIMER 0
TOUT0
H9
O/Z
IPD
Timer 0 or general-purpose output
TINP0
E7
I
IPD
Timer 0 or general-purpose input
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ For the C6415 and C6416 devices, these pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
The C6414 device does not support the PCI or UTOPIA peripherals; therefore, these MUXed peripheral pins are standalone peripheral functions
for this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com