Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 41 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 41 Page - Texas Instruments

Back Button C6416 Datasheet HTML 37Page - Texas Instruments C6416 Datasheet HTML 38Page - Texas Instruments C6416 Datasheet HTML 39Page - Texas Instruments C6416 Datasheet HTML 40Page - Texas Instruments C6416 Datasheet HTML 41Page - Texas Instruments C6416 Datasheet HTML 42Page - Texas Instruments C6416 Datasheet HTML 43Page - Texas Instruments C6416 Datasheet HTML 44Page - Texas Instruments C6416 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions
SIGNAL
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
CLOCK/PLL CONFIGURATION
CLKIN
H4
I
IPD
Clock Input. This clock is the input to the on-chip PLL.
CLKOUT4/GP1§
Y7
I/O/Z
IPD
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 1 pin (I/O/Z).
CLKOUT6/GP2§
T10
I/O/Z
IPD
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 2 pin (I/O/Z).
CLKMODE1
K8
I
IPD
Clock mode select
• Selects whether the CPU clock frequency = input clock frequency x1 (Bypass), x6, or x12.
CLKMODE0
E3
I
IPD
• Selects whether the CPU clock frequency = input clock frequency x1 (Bypass), x6, or x12.
For more details on the CLKMODE pins and the PLL multiply factors, see the Clock PLL
section of this data sheet.
PLLV¶
L9
A#
PLL voltage supply
JTAG EMULATION
TMS
V14
I
IPU
JTAG test-port mode select
TDO
W16
O/Z
IPU
JTAG test-port data out
TDI
AA17
I
IPU
JTAG test-port data in
TCK
Y15
I
IPU
JTAG test-port clock
TRST
Y14
I
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE 1149.1 JTAG
Compatibility Statement section of this data sheet.
EMU11
V15
I/O/Z
IPU
Emulation pin 11. Reserved for future use, leave unconnected.
EMU10
Y16
I/O/Z
IPU
Emulation pin 10. Reserved for future use, leave unconnected.
EMU9
T14
I/O/Z
IPU
Emulation pin 9. Reserved for future use, leave unconnected.
EMU8
U14
I/O/Z
IPU
Emulation pin 8. Reserved for future use, leave unconnected.
EMU7
AB18
I/O/Z
IPU
Emulation pin 7. Reserved for future use, leave unconnected.
EMU6
AA16
I/O/Z
IPU
Emulation pin 6. Reserved for future use, leave unconnected.
EMU5
W15
I/O/Z
IPU
Emulation pin 5. Reserved for future use, leave unconnected.
EMU4
AB17
I/O/Z
IPU
Emulation pin 4. Reserved for future use, leave unconnected.
EMU3
W14
I/O/Z
IPU
Emulation pin 3. Reserved for future use, leave unconnected.
EMU2
AA15
I/O/Z
IPU
Emulation pin 2. Reserved for future use, leave unconnected.
EMU1
EMU0
T13
V13
I/O/Z
IPU
Emulation [1:0] pins
• Select the device functional mode of operation
EMU[1:0]
Operation
00
Boundary Scan/Normal Mode (see Note)
01
Reserved
10
Reserved
11
Emulation/Normal Mode [default] (see the IEEE 1149.1 JTAG
Compatibility Statement section of this data sheet)
Normal mode refers to the DSPs normal operational mode, when the DSP is free running. The
DSP can be placed in normal operational mode when the EMU[1:0] pins are configured for
either Boundary Scan or Emulation.
Note: When the EMU[1:0] pins are configured for Boundary Scan mode, the internal pulldown
(IPD) on the TRST signal must not be opposed in order to operate in Normal mode.
For the Boundary Scan mode pulldown EMU[1:0] pins with a dedicated 1-k
Ω resister.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
¶ PLLV is not part of external voltage supply. See the Clock PLL section for information on how to connect this pin.
# A = Analog signal (PLL Filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com