Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 42 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 42 Page - Texas Instruments

Back Button C6416 Datasheet HTML 38Page - Texas Instruments C6416 Datasheet HTML 39Page - Texas Instruments C6416 Datasheet HTML 40Page - Texas Instruments C6416 Datasheet HTML 41Page - Texas Instruments C6416 Datasheet HTML 42Page - Texas Instruments C6416 Datasheet HTML 43Page - Texas Instruments C6416 Datasheet HTML 44Page - Texas Instruments C6416 Datasheet HTML 45Page - Texas Instruments C6416 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
RESETS, INTERRUPTS, AND GENERAL-PURPOSE INPUT/OUTPUTS
RESET
AB5
I
Device reset
NMI
E6
I
IPD
Nonmaskable interrupt, edge-driven (rising edge)
GP7/EXT_INT7
Y6
General-purpose input/output (GPIO) pins (I/O/Z) or external interrupts (input only). The
default after reset setting is GPIO enabled as input-only.
GP6/EXT_INT6
V8
I/O/Z
IPU
General-purpose input/output (GPIO) pins (I/O/Z) or external interrupts (input only). The
default after reset setting is GPIO enabled as input-only.
When these pins function as External Interrupts [by selecting the corresponding interrupt
GP5/EXT_INT5
AA5
I/O/Z
IPU
• When these pins function as External Interrupts [by selecting the corresponding interrupt
enable register bit (IER.[7:4])], they are edge-driven and the polarity can be
GP4/EXT_INT4
U9
enable register bit (IER.[7:4])], they are edge-driven and the polarity can be
independently selected via the External Interrupt Polarity Register bits (EXTPOL.[3:0]).
GP15/PRST§
J8
General-purpose input/output (GPIO) 15 pin (I/O/Z) or PCI reset (I). No function at default.
GP14/PCLK§
G5
GPIO 14 pin (I/O/Z) or PCI clock (I). No function at default.
GP13/PINTA§
G4
GPIO 13 pin (I/O/Z) or PCI interrupt A (O/Z). No function at default.
GP12/PGNT§
J7
GPIO 12 pin (I/O/Z) or PCI bus grant (I). No function at default.
GP11/PREQ§
H6
GPIO 11 pin (I/O/Z) or PCI bus request (O/Z). No function at default.
GP10/PCBE3§
L7
I/O/Z
GPIO 10 pin (I/O/Z) or PCI command/byte enable 3 (I/O/Z). No function at default.
GP9/PIDSEL§
K6
I/O/Z
GPIO 9 pin (I/O/Z) or PCI initialization device select (I). No function at default.
GP3
AA6
IPD
GPIO 3 pin (I/O/Z). The default after reset setting is GPIO 3 enabled as input-only.
GP0
W8
IPD
GPIO 0 pin.
The general-purpose I/O 0 pin (GPIO 0) (I/O/Z) can be programmed as GPIO 0 (input only)
[default] or as GPIO 0 (output only) pin or output as a general-purpose interrupt (GP0INT)
signal (output only).
CLKS2/GP8§¶
W7
I/O/Z
IPD
McBSP2 external clock source (CLKS2) [input only] [default] or this pin can be pro-
grammed as a GPIO 8 pin (I/O/Z).
CLKOUT6/GP2§¶
T10
I/O/Z
IPD
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 2 pin (I/O/Z).
CLKOUT4/GP1§¶
Y7
I/O/Z
IPD
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 1 pin (I/O/Z).
HOST-PORT INTERFACE (HPI) [C64x] or PERIPHERAL COMPONENT INTERCONNECT (PCI) [C6415 or C6416 devices only]
PCI_EN
T8
I
IPD
PCI enable pin. This pin controls the selection (enable/disable) of the HPI and GP[15:9], or
PCI peripherals (for the C6415 and C6416 devices). This pin works in conjunction with the
MCBSP2_EN pin to enable/disable other peripherals (for more details, see the Device Con-
figurations section of this data sheet).
The C6414 device does not support the PCI peripheral; for proper device operation, do not
oppose the internal pulldown (IPD) on this pin.
HINT/PFRAME§
P4
I/O/Z
Host interrupt from DSP to host (O) [default] or PCI frame (I/O/Z)
HCNTL1/
PDEVSEL§
N8
I/O/Z
Host control − selects between control, address, or data registers (I) [default] or PCI device
select (I/O/Z).
HCNTL0/
PSTOP§
P5
I/O/Z
Host control − selects between control, address, or data registers (I) [default] or PCI stop
(I/O/Z)
HHWIL/PTRDY§
N5
I/O/Z
Host half-word select − first or second half-word (not necessarily high or low order)
[For HPI16 bus width selection only] (I) [default] or PCI target ready (I/O/Z)
HR/W/PCBE2§
N6
I/O/Z
Host read or write select (I) [default] or PCI command/byte enable 2 (I/O/Z)
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ For the C6415 and C6416 devices, these pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
The C6414 device does not support the PCI or UTOPIA peripherals; therefore, these MUXed peripheral pins are standalone peripheral functions
for this device.
¶ For the C6414 device, only these pins are multiplexed pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com