Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 56 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 56 Page - Texas Instruments

Back Button C6416 Datasheet HTML 52Page - Texas Instruments C6416 Datasheet HTML 53Page - Texas Instruments C6416 Datasheet HTML 54Page - Texas Instruments C6416 Datasheet HTML 55Page - Texas Instruments C6416 Datasheet HTML 56Page - Texas Instruments C6416 Datasheet HTML 57Page - Texas Instruments C6416 Datasheet HTML 58Page - Texas Instruments C6416 Datasheet HTML 59Page - Texas Instruments C6416 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
SUPPLY VOLTAGE PINS (CONTINUED)
J3
K2
K22
K3
L22
L23
M2
N23
P2
P22
3.3-V supply voltage
DVDD
R22
S
3.3-V supply voltage
(see the Power-Supply Decoupling section of this data sheet)
DVDD
R23
S
(see the Power-Supply Decoupling section of this data sheet)
T2
T3
U23
U3
V2
V3
W23
W3
Y2
A10
A12
A14
A16
A18
A20
A22
A4
A6
A8
1.4 V supply voltage
CVDD
AA1
S
1.4 V supply voltage
(see the Power-Supply Decoupling section of this data sheet)
CVDD
AB12
S
(see the Power-Supply Decoupling section of this data sheet)
AB13
AB24
AC18
AC20
AC5
AD11
AD13
AD15
AD17
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com