Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 94 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 94 Page - Texas Instruments

Back Button C6416 Datasheet HTML 90Page - Texas Instruments C6416 Datasheet HTML 91Page - Texas Instruments C6416 Datasheet HTML 92Page - Texas Instruments C6416 Datasheet HTML 93Page - Texas Instruments C6416 Datasheet HTML 94Page - Texas Instruments C6416 Datasheet HTML 95Page - Texas Instruments C6416 Datasheet HTML 96Page - Texas Instruments C6416 Datasheet HTML 97Page - Texas Instruments C6416 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
94
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
SYNCHRONOUS DRAM TIMING (CONTINUED)
timing requirements for synchronous DRAM cycles for EMIFB module† (see Figure 27)
NO.
MIN
MAX
UNIT
6
tsu(EDV-EKO1H)
Setup time, read EDx valid before ECLKOUTx high
2.1
ns
7
th(EKO1H-EDV)
Hold time, read EDx valid after ECLKOUTx high
2.5
ns
† These C64x devices have two EMIFs (EMIFA and EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are prefixed by a
“B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted [e.g., the synchronous DRAM
memory access signals are shown as generic ( SDCAS, SDWE, and SDRAS ) instead of ASDCAS, ASDWE, and ASDRAS (for EMIFA) and
BSDCAS, BSDWE, and BSDRAS (for EMIFB)].
switching characteristics over recommended operating conditions for synchronous DRAM cycles
for EMIFB module† (see Figure 27−Figure 34)
NO.
PARAMETER
MIN
MAX
UNIT
1
td(EKO1H-CEV)
Delay time, ECLKOUTx high to CEx valid
1.3
6.4
ns
2
td(EKO1H-BEV)
Delay time, ECLKOUTx high to BEx valid
6.4
ns
3
td(EKO1H-BEIV)
Delay time, ECLKOUTx high to BEx invalid
1.3
ns
4
td(EKO1H-EAV)
Delay time, ECLKOUTx high to EAx valid
6.4
ns
5
td(EKO1H-EAIV)
Delay time, ECLKOUTx high to EAx invalid
1.3
ns
8
td(EKO1H-CASV)
Delay time, ECLKOUTx high to SDCAS valid
1.3
6.4
ns
9
td(EKO1H-EDV)
Delay time, ECLKOUTx high to EDx valid
6.4
ns
10
td(EKO1H-EDIV)
Delay time, ECLKOUTx high to EDx invalid
1.3
ns
11
td(EKO1H-WEV)
Delay time, ECLKOUTx high to SDWE valid
1.3
6.4
ns
12
td(EKO1H-RAS)
Delay time, ECLKOUTx high to SDRAS valid
1.3
6.4
ns
13
td(EKO1H-ACKEV)
Delay time, ECLKOUTx high to ASDCKE valid (EMIFA only)
1.3*
6.4*
ns
14
td(EKO1H-PDTV)
Delay time, ECLKOUTx high to PDT valid
1.3
6.4
ns
*This parameter is not production tested.
† These C64x devices have two EMIFs (EMIFA and EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are prefixed by a
“B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted [e.g., the synchronous DRAM
memory access signals are shown as generic ( SDCAS, SDWE, and SDRAS ) instead of ASDCAS, ASDWE, and ASDRAS (for EMIFA) and
BSDCAS, BSDWE, and BSDRAS (for EMIFB)].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com