Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 48 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 48 Page - Texas Instruments

Back Button C6416 Datasheet HTML 44Page - Texas Instruments C6416 Datasheet HTML 45Page - Texas Instruments C6416 Datasheet HTML 46Page - Texas Instruments C6416 Datasheet HTML 47Page - Texas Instruments C6416 Datasheet HTML 48Page - Texas Instruments C6416 Datasheet HTML 49Page - Texas Instruments C6416 Datasheet HTML 50Page - Texas Instruments C6416 Datasheet HTML 51Page - Texas Instruments C6416 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
EMIFB (16-bit) − CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY||k
BCE3
D11
O/Z
IPU
EMIFB memory space enables
BCE2
C9
O/Z
IPU
EMIFB memory space enables
• Enabled by bits 26 through 31 of the word address
BCE1
H12
O/Z
IPU
• Enabled by bits 26 through 31 of the word address
• Only one pin is asserted during any external data access
BCE0
G12
O/Z
IPU
• Only one pin is asserted during any external data access
BBE1
D12
O/Z
IPU
EMIFB byte-enable control
• Decoded from the low-order address bits. The number of address bits or byte enables
used depends on the width of external memory.
BBE0
E12
O/Z
IPU
used depends on the width of external memory.
• Byte-write enables for most types of memory
• Can be directly connected to SDRAM read and write mask signal (SDQM)
BPDT
E11
O/Z
IPU
EMIFB peripheral data transfer, allows direct transfer between external peripherals
EMIFB (16-BIT) − BUS ARBITRATION||k
BHOLDA
F12
O
IPU
EMIFB hold-request-acknowledge to the host
BHOLD
C19
I
IPU
EMIFB hold request from the host
BBUSREQ
D14
O
IPU
EMIFB bus request output
EMIFB (16-BIT) − ASYNCHRONOUS/SYNCHRONOUS MEMORY CONTROL||k
BECLKIN
E10
I
IPD
EMIFB external input clock. The EMIFB input clock (BECLKIN, CPU/4 clock, or CPU/6 clock)
is selected at reset via the pullup/pulldown resistors on the BEA[15:14] pins.
BECLKIN is the default for the EMIFB input clock.
BECLKOUT2
C8
O/Z
IPD
EMIFB output clock 2. Programmable to be EMIFB input clock (BECLKIN, CPU/4 clock, or
CPU/6 clock) frequency divided by 1, 2, or 4.
BECLKOUT1
J12
O/Z
IPD
EMIFB output clock 1 [at EMIFB input clock (BECLKIN, CPU/4 clock, or CPU/6 clock)
frequency].
BARE/
BSDCAS/
BSADS/BSRE
C7
O/Z
IPU
EMIFB asynchronous memory read-enable/SDRAM column-address strobe/programmable
synchronous interface-address strobe or read-enable
• For programmable synchronous interface, the RENEN field in the CE Space Secondary
Control Register (CExSEC) selects between BSADS and BSRE:
If RENEN = 0, then the BSADS/BSRE signal functions as the BSADS signal.
If RENEN = 1, then the BSADS/BSRE signal functions as the BSRE signal.
BAOE/
BSDRAS/
BSOE
D10
O/Z
IPU
EMIFB asynchronous memory output-enable/SDRAM row-address strobe/programmable
synchronous interface output-enable
BAWE/BSDWE/
BSWE
F11
O/Z
IPU
EMIFB asynchronous memory write-enable/SDRAM write-enable/programmable synchro-
nous interface write-enable
BSOE3
J13
O/Z
IPU
EMIFB synchronous memory output enable for BCE3 (for glueless FIFO interface)
BARDY
G11
I
IPU
EMIFB asynchronous memory ready input
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
|| These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). The prefix “A” in front of a signal name indicates it is an EMIFA signal
whereas a prefix “B” in front of a signal name indicates it is an EMIFB signal. Throughout the rest of this document, in generic EMIF areas of
discussion, the prefix “A” or “B” may be omitted from the signal name.
kTo maintain signal integrity for the EMIF signals, serial termination resistors should be inserted into all EMIF output signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com