Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 103 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 103 Page - Texas Instruments

Back Button C6416 Datasheet HTML 99Page - Texas Instruments C6416 Datasheet HTML 100Page - Texas Instruments C6416 Datasheet HTML 101Page - Texas Instruments C6416 Datasheet HTML 102Page - Texas Instruments C6416 Datasheet HTML 103Page - Texas Instruments C6416 Datasheet HTML 104Page - Texas Instruments C6416 Datasheet HTML 105Page - Texas Instruments C6416 Datasheet HTML 106Page - Texas Instruments C6416 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
103
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HOLD/HOLDA TIMING
timing requirements for the HOLD/HOLDA cycles for EMIFA and EMIFB modules† (see Figure 35)
NO.
MIN
MAX
UNIT
3
toh(HOLDAL-HOLDL) Hold time, HOLD low after HOLDA low
E*
ns
*This parameter is not production tested.
† E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA or EMIFB.
switching characteristics over recommended operating conditions for the HOLD/HOLDA cycles
for EMIFA and EMIFB modules†‡§ (see Figure 35)
NO.
PARAMETER
MIN
MAX
UNIT
1
td(HOLDL-EMHZ)
Delay time, HOLD low to EMIF Bus high impedance
2E*
¶*
ns
2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to HOLDA low
0*
2E*
ns
4
td(HOLDH-EMLZ)
Delay time, HOLD high to EMIF Bus low impedance
2E*
7E*
ns
5
td(EMLZ-HOLDAH)
Delay time, EMIF Bus low impedance to HOLDA high
0*
2E*
ns
6
td(HOLDL-EKOHZ)
Delay time, HOLD low to ECLKOUTx high impedance
2E*
¶*
ns
7
td(HOLDH-EKOLZ)
Delay time, HOLD high to ECLKOUTx low impedance
2E*
7E*
ns
*This parameter is not production tested.
† E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA or EMIFB.
‡ For EMIFA, EMIF Bus consists of: ACE[3:0], ABE[7:0], AED[63:0], AEA[22:3], AARE/ASDCAS/ASADS/ASRE, AAOE/ASDRAS/ASOE, and
AAWE/ASDWE/ASWE , ASDCKE, ASOE3, and APDT.
For EMIFB, EMIF Bus consists of: BCE[3:0], BBE[1:0], BED[15:0], BEA[20:1], BARE/BSDCAS/BSADS/BSRE, BAOE/BSDRAS/BSOE, and
BAWE/BSDWE/BSWE, BSOE3, and BPDT.
§ The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during HOLDA. If EKxHZ = 0,
ECLKOUTx continues clocking during Hold mode. If EKxHZ = 1, ECLKOUTx goes to high impedance during Hold mode, as shown in Figure 35.
¶ All pending EMIF transactions are allowed to complete before HOLDA is asserted. If no bus transactions are occurring, then the minimum delay
time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
HOLD
HOLDA
EMIF Bus†
DSP Owns Bus
External Requestor
Owns Bus
DSP Owns Bus
C64x
C64x
1
3
25
4
ECLKOUTx‡
(EKxHZ = 0)
ECLKOUTx‡
(EKxHZ = 1)
6
7
† For EMIFA, EMIF Bus consists of: ACE[3:0], ABE[7:0], AED[63:0], AEA[22:3], AARE/ASDCAS/ASADS/ASRE, AAOE/ASDRAS/ASOE, and
AAWE/ASDWE/ASWE, ASDCKE, ASOE3, and APDT.
For EMIFB, EMIF Bus consists of: BCE[3:0], BBE[1:0], BED[15:0], BEA[20:1], BARE/BSDCAS/BSADS/BSRE, BAOE/BSDRAS/BSOE, and
BAWE/BSDWE/BSWE, BSOE3, and BPDT.
‡ The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during HOLDA. If EKxHZ = 0,
ECLKOUTx continues clocking during Hold mode. If EKxHZ = 1, ECLKOUTx goes to high impedance during Hold mode, as shown in Figure 35.
Figure 35. HOLD/HOLDA Timing for EMIFA and EMIFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com