Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 3Page - STMicroelectronics SPEAR1310 Datasheet HTML 4Page - STMicroelectronics SPEAR1310 Datasheet HTML 5Page - STMicroelectronics SPEAR1310 Datasheet HTML 6Page - STMicroelectronics SPEAR1310 Datasheet HTML 7Page - STMicroelectronics SPEAR1310 Datasheet HTML 8Page - STMicroelectronics SPEAR1310 Datasheet HTML 9Page - STMicroelectronics SPEAR1310 Datasheet HTML 10Page - STMicroelectronics SPEAR1310 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
SPEAr1310
Description
Doc ID 17528 Rev 4
7/57
port can be programmed and optimized through an internal, weighted round-robin (WRR)
arbitration scheme.
Figure 2 is the internal connectivity block diagram.
Figure 2.
SPEAr1310 block diagram of the internal connectivity
2x Giga/Fast Ethernet
3x Fast Ethernet
MCIF
Memory card interface
FSMC
Flash/SRAM controller
SMI
Serial memory interface
1x USB OTG
2x UHC
USB Host controller
2x HDLC (TDM/E1)
EXPI
Expansion interface
C3
Crypto accelerator
Reset and clock
control
3x PCIe
MPMC
DDR2/3 controller
2x CAN
6x UART
SSP
2x I2C
ADC
KBD
keyboard
2x I2S
RTC
GPIO
2x DMAC
A9 Subsystem Module
G
I
C
SCU
cache2cache
transfers
Snoop
filtering
Timers
FPU
A9 CPU
Instr
Cache
FPU
PTM
I/F
A9 CPU
Instr
Cache
Data
Cache
32 KB BootROM
Network-on-chip
JPEG
Codec
32 KB RAM
Data
Cache
PTM
F
I/
L2 cache
2x HDLC (RS485)
3x SATA
MISC
Power management
OTP memory
Temp. sensor (THSENS)
LCD display
controller
PCI 32-bit @ 66 MHz
A
C
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com