Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 16Page - STMicroelectronics SPEAR1310 Datasheet HTML 17Page - STMicroelectronics SPEAR1310 Datasheet HTML 18Page - STMicroelectronics SPEAR1310 Datasheet HTML 19Page - STMicroelectronics SPEAR1310 Datasheet HTML 20Page - STMicroelectronics SPEAR1310 Datasheet HTML 21Page - STMicroelectronics SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Serial memory interface (SMI)
SPEAr1310
20/57
Doc ID 17528 Rev 4
11
Serial memory interface (SMI)
The serial memory interface integrated in SPEAr1310 acts as an AHB slave interface (32,
16- or 8-bit) to SPI-compatible off-chip memories. SMI allows the CPU to use these serial
memories either as data storage or for code execution.
11.1
Main features
Supports a group of SPI-compatible Flash and EEPROM devices
Acts always as a SPI master and up to 4 SPI slave memory devices are supported
(through as many chip select signals), with up to 16 MB address space each; 2 out of
the 4 chip select are available on PL_GPIOs.
The SMI clock signal (smi_clk_o) is generated by SMI (and input to all slaves) using
clock provided by the AHB bus
smi_clk_o can be up to 50 MHz in fast read mode (or 20 MHz in normal mode), and it
can be controlled by a programmable 7-bit prescaler allowing 127 different clock
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com