Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 17Page - STMicroelectronics SPEAR1310 Datasheet HTML 18Page - STMicroelectronics SPEAR1310 Datasheet HTML 19Page - STMicroelectronics SPEAR1310 Datasheet HTML 20Page - STMicroelectronics SPEAR1310 Datasheet HTML 21Page - STMicroelectronics SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics SPEAR1310 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
SPEAr1310
Giga/Fast Ethernet media access controller (GMAC)
Doc ID 17528 Rev 4
21/57
12
Giga/Fast Ethernet media access controller (GMAC)
The GMAC IP provides the capability to transmit and receive data over Ethernet.
12.1
Main features
Supports 10/100/1000 Mbps data transfer rates with the following PHY interfaces:
IEEE 802.3-compliant GMII/MII (default) interface to communicate with an external
Gigabit/Fast Ethernet PHY
RGMII (specification version 2.0) interface to communicate with an external gigabit
PHY
SGMII (specification version 1.8) interface to communicate with an external gigabit
PHY
Note that the SGMII block inside GMAC comprises the rate adapter layer (RAL)
and the physical coding scheme (PCS) modules: these modules implement a TBI
"like" interface. Outside the chip the SerDes and high-speed I/O modules are
needed to implement the actual SGMII interface.
RMII (specification version 1.2 from RMII consortium) interface to communicate
with an external Fast Ethernet PHY (for 10/100 Mbps operations only)
Full-duplex operation
IEEE 802.3x flow control automatic transmission of zero-quanta pause frame on
flow control input de-assertion
Optional forwarding of received pause control frames to the user application
Half-duplex operation
CSMA/CD Protocol support
Flow control using back-pressure support
Frame bursting and frame extension in 1000 Mbps half-duplex operation
Automatic CRC and pad generation controllable on a per-frame basis
Provides options for automatic pad/CRC stripping on receive frames
Supports a variety of flexible address filtering modes, such as:
Up to 31 48-bit SA address comparison check with masks for each byte
64-bit hash filter for multicast and unicast (DA) addresses
Option to pass all multicast addressed frames
Promiscuous mode support to pass all frames without any filtering for network
monitoring
Passes all incoming packets (per filter) with a status report
Programmable frame length to support standard or jumbo Ethernet frames with up to
16 KB of size
Programmable interframe gap (IFG) (40-96 bit times in steps of 8)
Separate 32-bit status for transmit and receive packets
IEEE 802.1Q VLAN tag detection for reception frames
Self-managed DMA transfers with an internal DMA block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com