Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics SPEAR1310 Datasheet HTML 48Page - STMicroelectronics SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics SPEAR1310 Datasheet HTML 52Page - STMicroelectronics SPEAR1310 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
SPEAr1310
Real-time clock (RTC)
Doc ID 17528 Rev 4
49/57
33
Real-time clock (RTC)
The RTC is a block that keeps track of the real time of day. It also functions as an alarm and
a calendar. The time is displayed in 24-hour format, and time/calendar values are stored in
binary-coded decimal format.
The time of day, alarm and calendar, status and control registers can all be accessed via a
standard 32 APB bus. All read/write operations last 2 cycles.
RTC provides a self isolation mode that is activated during power down. This feature allows
RTC to continue working if power is not supplied to the rest of the circuit. This feature is
realized by supplying separate power and clock connections.
A set of 16 general purpose registers (GP-Reg) are provided which can be used to save
data during the power down state.GP-Reg-set runs on 32 K oscillator clock and powered by
RTC battery. Each register is 32-bit and addressed mapped on the 32-bit APB bus. A bit in
status register reflects the status of any pending write to GP-Reg-set. This means that write
operation to the GP-Reg-set should be sequential, so you should wait for this pending
status bit to be cleared before writing again to GP-Reg-set.
33.1
Main features
Works on dedicated 32768 Hz external clock and power supply
9999- year calendar
Leap years support
Programmable alarm interrupt
Power management and self-isolation
Prescaler and timer registers bypass for TEST
Time and date update monitors
16 general purpose registers which can be used to save data during power down state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com