Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics SPEAR1310 Datasheet HTML 46Page - STMicroelectronics SPEAR1310 Datasheet HTML 47Page - STMicroelectronics SPEAR1310 Datasheet HTML 48Page - STMicroelectronics SPEAR1310 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
SPEAr1310
Security co-processor (C3)
Doc ID 17528 Rev 4
45/57
30
Security co-processor (C3)
C3 is a multipurpose, instruction driven, programmable DMA-based co-processor. It is
configured to accelerate cryptographic and network security functions.
30.1
Main features
AMBA AHB 2.0 master and slave interfaces
Scatter and gather DMA engine (implemented only by MPCM channel)
Instruction dispatchers
ID0 and ID1 available
ID2 and ID3 empty
Internal RAM: 4Kx32
Coupling/Chaining: 2 paths
The hardware accelerator crypto algorithms available in SPEAr1310 have the following
channels supported by mentioned operations:
Channel 0: Move channel
ID: 0x00001020
Supported operations: copy, AND, OR, XOR
Chained mode: either master or slave
Cascaded mode: both master and slave
Input FIFO: 8x32 bits
Output FIFO: 8x32 bits
Channel 1: Data encryption standard (DES and TripleDES)
ID: 0x00002001
Supported algorithms: DES (56-bit keys, ECB and CBC encryption/decryption, no
parity check) and TripleDES (168-bit keys, ECB and CBC encryption/decryption,
EncDecEnc)
Input FIFO: 16x32 bits
Output FIFO: 16x32 bits
Channel 2: MPCM for the advanced encryption standard (AES)
ID: 0x0000E000
Supported algorithms: AES (128-, 192-, 256-bit keys, ECB and CBC
encryption/decryption, with programmable operation modes to support almost all
possible modes, including Counter and XTS mode)
Memory for modes of operation: 512 words of 62 bits each
Input FIFO: 16x32 bits
Output FIFO: 16x32 bits
Read scatter/gather list: 4x32 bits
Write scatter/gather list: 4x32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com