Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 22Page - STMicroelectronics SPEAR1310 Datasheet HTML 23Page - STMicroelectronics SPEAR1310 Datasheet HTML 24Page - STMicroelectronics SPEAR1310 Datasheet HTML 25Page - STMicroelectronics SPEAR1310 Datasheet HTML 26Page - STMicroelectronics SPEAR1310 Datasheet HTML 27Page - STMicroelectronics SPEAR1310 Datasheet HTML 28Page - STMicroelectronics SPEAR1310 Datasheet HTML 29Page - STMicroelectronics SPEAR1310 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
PCI Express (PCIe)
SPEAr1310
26/57
Doc ID 17528 Rev 4
The features common to both EP and RC mode of the DM cores are:
Support for all non-optional features and some optional features defined in the PCI
Express Base 2.0 specification.
Ultra-low transmit and receive latency
Support a max payload size of 256 bytes
4-KB maximum request size
Very high accessible bandwidth
Support for both Gen1 (at 125 MHz) and Gen2 (at 250 MHz) operation
2.5 Gbps (Gen1) or 5.0 Gbps (gen2) Lane (x1)
Automatic Lane reversal as specified in the PCI Express 2.0 specification (transmit and
receive)
Polarity inversion on receive
Multiple virtual channels (VCs) (maximum of 2)
Multiple traffic classes (TCs)
Supports ECRC generation and checking
Supports PCI Express beacon and wake-up mechanism
Supports PCI power management
Supports PCI Express active state power management (ASPM)
Supports PCI Express advanced error reporting
Supports Vital product data (VPD)
Supports PCIe messages for both transmit and receive.
Supports external priority arbitration (in addition to the internally-implemented transmit
arbitration)
Supports expansion ROM
Additional features specific to RC mode
The features specific to the RC mode are:
Type 1 configuration space
Application-initiated Lane reversal for situations where the core does not detect Lane 0
(for example, an x4 core connected to an x8 device that has its Lanes reversed)
Additional features specific to EP mode
The features specific to the EP mode are:
Alternate routing-ID (ARI)
Address translation services (ATS)
Completion timeout ranges
Function level reset (FLR)
Type 0 configuration space
MSI interrupt capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com