Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 6Page - STMicroelectronics SPEAR1310 Datasheet HTML 7Page - STMicroelectronics SPEAR1310 Datasheet HTML 8Page - STMicroelectronics SPEAR1310 Datasheet HTML 9Page - STMicroelectronics SPEAR1310 Datasheet HTML 10Page - STMicroelectronics SPEAR1310 Datasheet HTML 11Page - STMicroelectronics SPEAR1310 Datasheet HTML 12Page - STMicroelectronics SPEAR1310 Datasheet HTML 13Page - STMicroelectronics SPEAR1310 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Description
SPEAr1310
10/57
Doc ID 17528 Rev 4
Other
GPT
4x
(total 8 timers)
General purpose timers
RTC
1x
Real-time clock
DMAC
2x
(total 16 channels)
DMA controller
JPEG Codec
1x
JPEG encoder/decoder
ADC
1x
8 channels x 10bit, 1Msps
A/D converter
Also used for touchscreen
I/F
GPIO
2x
(total 16 I/O)
General-purpose I/O
THSENS
1x
Temperature sensor
Table 2.
MAC Phy interfaces available
MAC controller
Rate
Interfaces
MAC1
GE (1 Gbps)
GMII / RGMII
FE (10/100 Mbps)
MII / RMII
MAC2
GE (1 Gbps)
RGMII
MAC3
FE (10/100 Mbps)
SMII / RMII
MAC4
FE (10/100 Mbps)
SMII / RMII
MAC5
FE (10/100 Mbps)
SMII / RMII
Table 1.
SPEAr1310 features and capabilities overview (continued)
Category
Feature
Instances / Details
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com