Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1310 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 29Page - STMicroelectronics SPEAR1310 Datasheet HTML 30Page - STMicroelectronics SPEAR1310 Datasheet HTML 31Page - STMicroelectronics SPEAR1310 Datasheet HTML 32Page - STMicroelectronics SPEAR1310 Datasheet HTML 33Page - STMicroelectronics SPEAR1310 Datasheet HTML 34Page - STMicroelectronics SPEAR1310 Datasheet HTML 35Page - STMicroelectronics SPEAR1310 Datasheet HTML 36Page - STMicroelectronics SPEAR1310 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
SPEAr1310
TDM/E1 HDLC controller
Doc ID 17528 Rev 4
33/57
20
TDM/E1 HDLC controller
20.1
Main features
The main features of the TDM/E1 HDLC design are:
AMBA 2.0 compliant
AMBA slave interface, used to program TDM/E1
AMBA master interface, used to transfer data between DDR and IP
DMA engine included to alleviate CPU from transferring data
Data buffer queue making bulk data transfer more efficient
Interrupt Queue supplying more interrupt information
Miscellaneous Interrupt generation
Frame transmitted/received
End of data buffer queue
Buffer empty/ buffer filled
Tx/Rx DMA FIFO underflow/overflow
Interrupt queue overflow
Interrupt FIFO overflow
Abort generation and detection
Oversize and non-octet-aligned frame detection
CRC and alignment error generation
TDM interface features:
Six signals
Duplex Tx/Rx communication
Up to 16 Mbps pre Tx/Rx channel
256 time slots / frame(125 us)
Supports any time-slot banding to any Tx/Rx channel
Data sending/sampling time configurable
Delay between bit 0 of TS0 and the SYNC signal configurable
E1 interface main features:
Six signals
Duplex Tx/Rx communication
Up to 2 Mbps pre Tx/Rx channel
32 time slot / frame(125 us)
Supports any time-slot banding to any Tx/Rx channel
Data sending/sampling time configurable
Delay between the bit 0 of TS0 and the SYNC signal is configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com